Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AMR-G Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6118C08AMR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AMR-G Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6118C08AMR-G Datasheet HTML 12Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 13Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 14Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 15Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 16Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 17Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 18Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 19Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 20Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18/20
XC6118 Series
CMOS Output (XC6118C Series)
N-ch Open Drain Output (XC6118N Series)
MARK
VOLTAGE (V)
L
0.X
M
1.X
N
2.X
P
3.X
R
4.X
S
5.X
MARK
VOLTAGE (V)
T
0.X
U
1.X
V
2.X
X
3.X
Y
4.X
Z
5.X
MARK
VOLTAGE (V)
PRODUCT SERIES
3
X.3
XC6118**3***
0
X.0
XC6118**0***
MARK
OPTIONS
PRODUCT SERIES
A
Built-in delay capacitance pin with hysteresis 5% (TYP.)
(Standard)
XC6118***A**
B
Built-in delay capacitance pin with hysteresis less than 1%
(Standard)
XC6118***B**
C
No built-in delay capacitance pin with hysteresis 5% (TYP.)
(Semi-custom)
XC6118***C**
D
No built-in delay capacitance pin with hysteresis less than 1%
(Semi-custom)
XC6118***D**
■MARKING RULE
●SOT-25
① represents output configuration and integer number of detect voltage
SOT-25
(TOP VIEW)
② represents decimal number of detect voltage
(ex.)
③ represents options
④⑤ represents production lot number
0 to 9 A to Z, or inverted characters of 0 to 9, A to Z repeated.
(G, I, J, O, Q, and W excluded)
*No character inversion used.
12
3
54


Similar Part No. - XC6118C08AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com