Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9129B45CSR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9129B45CSR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129B45CSR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9129B45CSR Datasheet HTML 5Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 6Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 7Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 8Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 9Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 10Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 11Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 12Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
XC9128/XC9129
Series
TEST CIRCUITS *1
Measurement method for ON resistance of the Lx switch
Using the layout of circuit No.7 above, set the LX pin voltage to 50mV by adjusting the Vpull voltage whilst the N-ch driver
transistor is turned on. Then, measure the voltage difference between both ends of Rpull. ON Resistance is calculated by using
the following formula:
RLXN=0.05 ÷ ((V1 – 0.05) ÷ 0.5)
where V1 is a voltage between SBD and Rpull. LX pin voltage and V1 are measured by an oscilloscope.
*1: The XC9129 series does not have the AEN/ pin and the FO pin. When the XC9129 series is measured, the FO and AEN
pins are not effective in the above mentioned test circuits, they are NC.
< Circuit No.2 >
< Circuit No.1 >
< Circuit No.3 >
< Circuit No.4 >
CL2
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
CIN
RL
10kΩ
Wave Form Measure Point
V
RFB1
CFB
RFB2
CL1
V
VIN
External Components
L
: 4.7uH(LTF5022T-4R7N2R0 : TDK)
CIN : 10uF (ceramic)
CL1 : 22uF (ceramic)
CL2 : 10uF (ceramic)
VEN
VFO
V
VMODE
A
A
VEN
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
VFB
VMODE
VIN
A
VOUT
VAEN/
Wave Form Measure Point
VEN
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
FB
VMODE
VIN
A
Vpull
Wave Form Measure Point
Rpull
CIN
VFO
A
CIN
External Components
External Components
External Components
CIN
A
A
A
A
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
FB
VAEN/
VMODE
VEN
VIN
A
<Circuit No.5 >
CIN
A
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
VAEN/
VOUT
COUT
VIN
VLx
External Components
<Circuit No.6 >
VEN
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
FB
VMODE
VIN
A
Vpull
Wave Form Measure Point
Rpull
CIN
VFO
A
External Components
VOUT
V
VAEN/
VFB
L
VEN
Lx
BAT
EN
MODE
PGND
AGND
FO
AEN/
FB
VOUT
VMODE
VIN
VOUT
CIN
External Components
Rpull
Vpull
SBD
Wave Form Measure Point
COUT
CLX
<Circuit No.7 >
V1
CIN : 1uF (ceramic)
COUT : 1uF (ceramic)
CIN
: 1uF (ceramic)
Rpull : 300Ω
CIN : 1uF (ceramic)
CIN : 1uF (ceramic)
CIN
: 1uF (ceramic)
Rpull : 300Ω
CIN
: 1uF (ceramic)
COUT : 1uF (ceramic)
SBD
: XBS304S17(TOREX)
Rpull : 0.5Ω


Similar Part No. - XC9129B45CSR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9129 TOREX-XC9129 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
More results

Similar Description - XC9129B45CSR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
   1.4A, Inductor Built-in Step-up DC/DC Converters
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com