Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE61CC6002PR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XE61CC6002PR
Description  Standard Voltage Detectors (VDF=1.6V節?.0V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XE61CC6002PR Datasheet(HTML) 4 Page - Torex Semiconductor

  XE61CC6002PR Datasheet HTML 1Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 2Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 3Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 4Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 5Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 6Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 7Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 8Page - Torex Semiconductor XE61CC6002PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
XE61C Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
Detect Voltage
VDF
VDF(T)
x 0.96
VDF(T)
VDF(T)
x 1.04
V
1
Hysteresis Width
VHYS
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
1
VIN = 1.5V
-
0.7
2.8
VIN = 2.0V
-
0.8
3.3
VIN = 3.0V
-
0.9
3.5
VIN = 4.0V
-
1.0
3.7
Supply Current
ISS
VIN = 5.0V
-
1.1
3.9
μA
2
Operating Voltage
VIN
VDF(T) = 1.6V to 6.0V
0.7
-
10.0
V
1
VIN = 1.0V
0.4
2.2
-
VIN = 2.0V
3.0
7.7
-
VIN = 3.0V
5.0
10.1
-
VIN = 4.0V
6.0
11.5
-
N-ch VDS = 0.5V
VIN = 5.0V
7.0
13.0
-
3
Output Current
IOUT
CMOS, P-ch VDS = 2.1V,
VIN = 8.0V
-
-10.0
-2.0
mA
4
Leakage Current
(CMOS Output)
Ileak
-
10
-
Leakage Current
(N-ch Open Drain Output)
Ileak
VIN=10.0V
VOUT=10.0V
-
10
400
nA
3
Temperature
Characteristics
ΔVDF
ΔTopr・VDF
-40℃ ≦ Topr ≦ 85℃
-
±100
±400
ppm/
-
Delay Time
(VDR→VOUT inversion)
TDLY
Inverts from VDR to VOUT
-
0.03
0.20
ms
5
■ELECTRICAL CHARACTERISTICS
XE61C Series
NOTE:
VDF (T): Nominal detect voltage
Release Voltage: VDR = VDF + VHYS
VDF(T)=1.6~6.0V, Ta= - 40℃ ~ 85℃


Similar Part No. - XE61CC6002PR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE600NS ETC-XE600NS Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
logo
Torex Semiconductor
XE6216 TOREX-XE6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XE6216 TOREX-XE6216 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216 TOREX-XE6216 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XE6216 TOREX-XE6216 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XE61CC6002PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XA6121 TOREX-XA6121 Datasheet
378Kb / 27P
   ?╉궔?껁긽?됥긿??ON/OFF 艅잒꺗餓섅걤?삣쑇濾쒎눣?⑨펷VDF=1.6V節?.0V
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com