Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9235A08DMR Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9235A08DMR
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9235A08DMR Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9235A08DMR Datasheet HTML 17Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 18Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 19Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 20Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 21Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 22Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 23Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 24Page - Torex Semiconductor XC9235A08DMR Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/33
XC9235/XC9236/XC9237
Series
< Circuit No.9 >
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
A
CIN
< Circuit No.8 >
ILx
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
1uF
A
< Circuit No.1 >
※ External Components
L
: 1.5uH(NR3015) 3.0MHz
4.7uH(NR4018) 1.2MHz
CIN : 4.7μF(ceramic)
CL :10μF(ceramic)
< Circuit No.2 >
VIN
Lx
VSS
CE/MODE
VOUT
A
V
RL
CL
L
CIN
Wave Form Measure Point
< Circuit No.3 >
< Circuit No.4 >
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
A
1uF
ON resistance = (VIN-VLx)/100mA
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
1uF
V
100mA
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
1uF
Rpulldown
200Ω
Wave Form Measure Point
< Circuit No.7 >
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
1uF
Rpulldown
Ilat
Wave Form Measure Point
< Circuit No.6 >
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
1uF
V
ILIM
Wave Form Measure Point
< Circuit No.5 >
A
ICEH
ICEL
VIN
Lx
VSS
CE/MODE
VOUT
(FB)
1uF
A
VIN
Lx
VSS
CE/MODE
FB
CIN
V
IOUT
CL
L
Wave Form Measure Point
※ External Components
L
: 1.5μH(NR4018) 3.0MHz
VOUT=VFB×(R1+R2)/R2
: 4.7μH (NR3015) 1.2MHz
CIN : 4.7μF
CL : 10μF
R1 : 150kΩ
R2 : 300kΩ
Cfb : 120pF
R1
R2
Cfb
A
RL
・A/B/C/E/G series
・D/F series
■TEST CIRCUITS


Similar Part No. - XC9235A08DMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9235A08CMR TOREX-XC9235A08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9235A08DMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com