Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9133B02AMR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9133B02AMR
Description  Step-Up DC/DC Converter-LED Backlight Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9133B02AMR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9133B02AMR Datasheet HTML 2Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 3Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 4Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 5Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 6Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 7Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 8Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 9Page - Torex Semiconductor XC9133B02AMR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
XC9133 Series
<Lx Overvoltage Limit Circuit>
XC9133 series' Lx overvoltage limit circuit monitors the Lx pin voltage.
When the Lx pin voltage exceeds than 19V (TYP.),
the IC performs the function of latching the OFF state of the driver transistor, and goes into operation suspension mode.
In suspension mode, operations can be resumed by restoring power to the VIN pin.
The suspension mode does not mean
a complete shutdown, but a state in which pulse output is suspended; therefore, the internal circuitry remains in operation.
<Maximum Duty Cycle Limit>
The XC9133 series' maximum duty cycle limit circuit monitors the duty cycle.
When the maximum duty cycle is repeated
for a certain time, the IC controls the error amplifier output so that the duty cycle of the next pulse becomes smaller than
that of the first pulse.
<CE Pin Function>
The operation of the XC9133 series will enter into the shut down mode when a low level signal is input to the CE pin.
During the shut down mode, the supply current is 0
μA (TYP.), with high impedance at the Lx pin. The IC starts its
operation with a high level signal to the CE pin.
The input to the CE/MODE pin is a CMOS input and the sink current is 0
μA (TYP.). 100μs after disable, the IC goes into suspension mode and supply current is minimal. After this, the IC will
be in stand-by mode and the supply current will be 0
μA (TYP.).
ILED
RLED
ILED
RLED
5mA
40
Ω
13.3mA
15
Ω
10mA
20
Ω
20mA
10
Ω
■OPERATIONAL EXPLANATIONS (Continued)
<Current Limit>
The current limit circuit of the XC9133 series monitors the current flowing through the N-channel MOS driver transistor
connected to the Lx pin, and features a combination of the constant-current type current limit mode and the duty cycle limit
of the next pulse.
1When the driver current is greater than a specific levels, the constant-current type current limit function operates to
turn off the pulses from the Lx pin at any given timing.
2The IC controls the next pulse to be smaller than the first pulse.
■NOTES ON USE
<Lx (Pin 1): Switch Pin>
Please connect the anode of a Schottky barrier diode and an inductor to the Lx pin.
<FB (Pin 3): Voltage Feedback Pin>
The reference voltage is 200mV (TYP.).
A resistor (RLED) should be connected to the FB pin for setting the cathode of
LEDs and a constant current value.
The resistance value can be calculated by the following equation.
RLED=0.2 / ILED
ILED=Setting
constant current value
Typical example:
<CE (Pin 4): Chip Enable Pin>
An ENABLED state is reached when the CE voltage exceeds 0.65V and a DISABLED state when the CE Voltage falls below
0.2V.
<VIN (Pin 5): Power Supply Pin>
Please connect an inductor and an input by-pass capacitor (CIN) to the VIN pin.
Current Limit
Current Limit
The current will be off when the coil current
reached the value of the constant current limit.
Limit some duty pulses after the limit.


Similar Part No. - XC9133B02AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
More results

Similar Description - XC9133B02AMR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218N021A RICOH-R1218N021A Datasheet
960Kb / 21P
   Step-up DC/DC converter for White LED Backlight
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com