Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9235B08CMR Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9235B08CMR
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9235B08CMR Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9235B08CMR Datasheet HTML 10Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 11Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 12Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 13Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 14Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 15Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 16Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 17Page - Torex Semiconductor XC9235B08CMR Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14/33
XC9235/XC9236/XC9237 Series
■OPERATIONAL DESCRIPTION (Continued)
<Short-Circuit Protection>
The short-circuit protection circuit monitors the internal R1 and R2 divider voltage from the VOUT pin (refer to FB point in
the block diagram shown in the previous page). In case where output is accidentally shorted to the Ground and when
the FB point voltage decreases less than half of the reference voltage (Vref) and a current more than the ILIM flows to
the Pch MOS driver transistor, the short-circuit protection quickly operates to turn off and to latch the driver transistor.
For the D/E/F/G series, it does not matter how much the current limit, once the FB voltage become less than the
quarter of reference voltage (VREF), the short-circuit protection operates to latch the Pch MOS driver transistor. In
latch mode, the operation can be resumed by either turning the IC off and on via the CE/MODE pin, or by restoring
power supply to the VIN pin.
When sharp load transient happens, a voltage drop at the VOUT is propagated to the FB point through CFB, as a result,
short circuit protection may operate in the voltage higher than 1/2 VOUT voltage.
<UVLO Circuit>
When the VIN pin voltage becomes 1.4V or lower, the Pch MOS driver transistor output driver transistor is forced OFF to
prevent false pulse output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8V
or higher, switching operation takes place. By releasing the UVLO function, the IC performs the soft start function to
initiate output startup operation. The soft start function operates even when the VIN pin voltage falls momentarily below
the UVLO operating voltage. The UVLO circuit does not cause a complete shutdown of the IC, but causes pulse output to
be suspended; therefore, the internal circuitry remains in operation.
<PFM Switch Current>
In PFM control operation, until coil current reaches to a specified level (IPFM), the IC keeps the Pch MOS driver transistor
on. In this case, time that the Pch MOS driver transistor is kept on (TON) can be given by the following formula.
TON= L
×IPFM / (VINVOUT)
→IPFM
< PFM Duty Limit >
In PFM control operation, the PFM duty limit (DTYLIMIT_PFM) is set to 200% (TYP.). Therefore, under the condition that the
duty increases (e.g. the condition that the step-down ratio is small), it’s possible for Pch MOS driver transistor to be turned
off even when coil current doesn’t reach to IPFM.
→IPFM
図 IPFM ①
Ton
Lx
I Lx
IPFM
0mA
図 IPFM ②
IPFM
0mA
Lx
I Lx
FOSC
PFMデューティ制限
PFM Duty Limit


Similar Part No. - XC9235B08CMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9235B08CMR TOREX-XC9235B08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9235B08CMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com