Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8102AA01NR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC8102AA01NR
Description  Small (1.2mm x 1.6mm) 400mA Line Switch with Low On-Resistance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8102AA01NR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC8102AA01NR Datasheet HTML 4Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 5Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 6Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 7Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 8Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 9Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 10Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 11Page - Torex Semiconductor XC8102AA01NR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/18
XC8102 Series
XC8102AA01M/XC8102AA01G
0.0
0.2
0.4
0.6
0.8
1.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN (V)
VIN=CE
IOUT=50mA
CIN=None,CL=None
Ta=85℃
 
25℃
   -40℃
XC8102AA01N
0.0
0.2
0.4
0.6
0.8
1.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN (V)
VIN=CE
IOUT=50mA
CIN=None,CL=None
Ta=85℃
 
25℃
   -40℃
XC8102AA01M/XC8102AA01G
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
Ambient Temp : Ta (℃)
VIN=CE
IOUT=50mA
CIN=None,CL=None
VIN=1.2V
1.5V
1.8V
2.9V
4.0V
6.0V
XC8102AA01N
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
Ambient Temp : Ta (℃)
VIN=CE
IOUT=50mA
CIN=None,CL=None
VIN=1.2V
1.5V
1.8V
2.9V
4.0V
6.0V
XC8102AA01
0.0
1.0
2.0
3.0
4.0
5.0
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
6.0
Input Voltage : VIN (V)
VIN=CE
CIN=None,CL=None
Ta=85℃
   25℃
   -40℃
XC8102AA01
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
Input Voltage : VIN (V)
VIN=CE
CIN=None,CL=None
VIN=1.2V
    1.5V
    1.8V
    2.9V
    4.0V
    6.0V
TYPICAL PERFORMANCE CHARACTERISTICS
(1) ON Resistance vs. Input Voltage
(2) ON Resistance vs. Ambient Temperature
(3) Supply Current vs. Input Voltage
(4) Supply Current vs. Ambient Temperature


Similar Part No. - XC8102AA01NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102AA01NR-G TOREX-XC8102AA01NR-G Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102AA01NR-G TOREX-XC8102AA01NR-G Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102AA01NR-G TOREX-XC8102AA01NR-G Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
More results

Similar Description - XC8102AA01NR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3502A EUTECH-EUP3502A Datasheet
358Kb / 1P
   1.5A Line Switch with Low On-Resistance
EUP3504 EUTECH-EUP3504 Datasheet
314Kb / 1P
   1.8A Line Switch with Low On-Resistance
EUP3508 EUTECH-EUP3508 Datasheet
61Kb / 1P
   2A Line Switch with Low On-Resistance
logo
Micrel Semiconductor
MIC5302 MICREL-MIC5302 Datasheet
354Kb / 8P
   150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
   150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com