Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC37133 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC37133
Description  Smart Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC37133 Datasheet(HTML) 4 Page - Texas Instruments

  UC37133 Datasheet HTML 1Page - Texas Instruments UC37133 Datasheet HTML 2Page - Texas Instruments UC37133 Datasheet HTML 3Page - Texas Instruments UC37133 Datasheet HTML 4Page - Texas Instruments UC37133 Datasheet HTML 5Page - Texas Instruments UC37133 Datasheet HTML 6Page - Texas Instruments UC37133 Datasheet HTML 7Page - Texas Instruments UC37133 Datasheet HTML 8Page - Texas Instruments UC37133 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
UC17131/2/3
UC27131/2/3
UC37131/2/3
ELECTRICAL CHARACTERISTICS Unless otherwise specified, CDEL = 10nF, VCC = 25V, CSL = GND, CSH = LS;
RCSH = 0.5Ω (Note 1); IN=0V (for OFF condition) and IN=5V (for ON condition); TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference
VREF
25°C
5.8
6
6.2
V
–55°C to 125°C
5.6
6
6.4
V
Line Regulation
VCC = 8V to 64V
10
35
mV
Load Regulation
0 < IREF < 8mA
10
50
mV
Short Circuit Current
REF = 0V
20
35
mA
Input Comparator
Turn-On Threshold Voltage
2.7
3
3.3
V
Input Bias Current
VIN = 3.5V
5
µA
Hysteresis
RHYST = GND (Internally for X31, X33)
0.775
0.9
1.025
V
RHYST = 96.67k for (X32)
30
mV
Output: High Side (UCX7133: CSH = LS and CSL = GND Internally; See Fig. 2a)
Rise Time (Off to On)
RLOAD = 250Ω to GND
30
80
V/
µs
Fall Time (On to Off)
RLOAD = 250Ω to GND
30
80
V/
µs
Output Short Circuit
HS = 0.25
Ω to GND
500
900
mA
Voltage Clamp
LS–HS
67
72
77
V
Saturation Voltage
25°C, RLOAD = 100Ω to GND
1.2
V
–40°C, RLOAD = 100Ω to GND
1.3
V
–55°C, RLOAD = 100Ω to GND
1.4
V
Leakage Current
5
µA
Output: Low Side (UCX7131; CSH = VCC and CSL = HS Internally; See Fig. 2b)
Rise Time (On to Off)
RLOAD = 250Ω to VCC, RCSL = 0.5Ω
15
50
V/
µs
Fall Time (Off to On)
RLOAD = 250Ω to VCC, RCSL = 0.5Ω
25
60
V/
µs
Output Short Circuit
LS = 0.25
Ω to VCC
500
700
900
mA
Voltage Clamp
LS–HS
67
72
77
V
Saturation Voltage
25°C, RLOAD = 100Ω to VCC, RCSL = 0.5Ω
1.2
V
–40°C, RLOAD = 100Ω to VCC, RCSL = 0.5Ω
1.3
V
–55°C, RLOAD = 100Ω to VCC, RCSL = 0.5Ω
1.4
V
Leakage Current
5
µA
VCC Fault Section
Output Turn-On Delay, tD(ON)
Step VCC from 0V to 8V (See Fig. 3a)
9.5
11
13.5
ms
Output Turn-Off Delay, tD(OFF)
Pulse VCC from 25V to VCC Turn-Off
Threshold
300
500
700
µs
VCC Turn-Off Threshold
Pulse VCC Low
6.5
7
7.5
V
CDEL Section
VCDEL_MAX
5.8
V
VFAULT_H
4.9
V
VFAULT_L
1.0
V
Overcurrent Fault Section (See Fig. 3c)
Short Circuit Turn-Off Delay, tSC
Step ILOAD: 0mA to 400mA
75
µs
Short Circuit Recovery Time, tROFF
ILOAD = 400mA, 100µs10
ms
High Side Current Threshold, ITH-H
RCSH = 0.5Ω
250
325
400
mA
Low Side Current Threshold, ITH-L
RCSL = 0.5Ω
250
325
400
mA
Overcurrent Duty Cycle
RLOAD = 0.25Ω to GND
0.6
0.8
1.0
%


Similar Part No. - UC37133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC37133 TI-UC37133 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC37133D TI1-UC37133D Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37133D TI-UC37133D Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC37133DG4 TI1-UC37133DG4 Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37133N TI1-UC37133N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC37133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com