Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8101AA01GL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC8101AA01GL
Description  High Side Line Switch with Low Supply Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8101AA01GL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC8101AA01GL Datasheet HTML 6Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 7Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 8Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 9Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 10Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 11Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 12Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 13Page - Torex Semiconductor XC8101AA01GL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10/32
XC8101 Series
XC8101AA01M
0.0
1.0
2.0
3.0
4.0
5.0
0
50
100
150
200
250
300
350
400
450
Output Current: IOUT (mA)
Ta=85℃
   25℃
  -40℃
VIN=CE=4.0V
CIN=None, CL=None
XC8101AA01M
0.0
2.0
4.0
6.0
8.0
10.0
0
50
100
150
200
250
300
350
400
450
Output Current: IOUT (A)
Ta=85℃
   25℃
  -40℃
VIN=CE=6.0V
CIN=None, CL=None
XC8101AA01
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=6.0V
CIN=None, CL=None
VCEH
VCEL
XC8101AA01
0
400
800
1200
1600
2000
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
VIN=VOUT
CE=VSS
CIN=None, CL=None
VIN=1.8V
2.9V
4.0V
6.0V
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 10μs/div
-1
0
1
2
3
4
5
6
VIN=1.8V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-1
0
1
2
3
4
5
6
VIN=2.9V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
(6) CE Threshold Voltage vs. Ambient Temperature
(7) CL Discharge Resistance vs. Ambient Temperature
(8) Output Turn-on Time with CE
(5) Output Voltage vs. Output Current (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Similar Part No. - XC8101AA01GL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101AA01GR-G TOREX-XC8101AA01GR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
More results

Similar Description - XC8101AA01GL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101 TOREX-XC8101_12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
logo
International Rectifier
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com