Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8101AA01MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC8101AA01MR
Description  High Side Line Switch with Low Supply Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8101AA01MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC8101AA01MR Datasheet HTML 7Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 8Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 9Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 10Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 11Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 12Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 13Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 14Page - Torex Semiconductor XC8101AA01MR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
XC8101
Series
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-2
0
2
4
6
8
10
12
VIN=4.0V
CE=0.3V→1.2V
tr=tf =5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-2
0
2
4
6
8
10
12
VIN=6.0V
CE=0.3V→1.2V
tr=tf =5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 10μs/div
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN=1.8V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None , CL=0.1μF
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 10μs/div
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN=2.9V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None , CL=0.1μF
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 10μs/div
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VIN=4.0V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None , CL=0.1μF
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 10μs/div
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VIN=6.0V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None , CL=0.1μF
CE Input Voltage
Output Voltage
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Output Turn-on Time with CE (Continued)


Similar Part No. - XC8101AA01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
More results

Similar Description - XC8101AA01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101 TOREX-XC8101_12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
logo
International Rectifier
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com