Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8025 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8025
Description  IC card interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8025 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8025 Datasheet HTML 7Page - NXP Semiconductors TDA8025 Datasheet HTML 8Page - NXP Semiconductors TDA8025 Datasheet HTML 9Page - NXP Semiconductors TDA8025 Datasheet HTML 10Page - NXP Semiconductors TDA8025 Datasheet HTML 11Page - NXP Semiconductors TDA8025 Datasheet HTML 12Page - NXP Semiconductors TDA8025 Datasheet HTML 13Page - NXP Semiconductors TDA8025 Datasheet HTML 14Page - NXP Semiconductors TDA8025 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TDA8025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2009
11 of 38
NXP Semiconductors
TDA8025
IC card interface
(9)
(10)
If we target 1 % accuracy resistors (
β = 0.01) and R
sum = 100 kΩ; Vth(max) = 1.33 V (see
Table 8 on page 23) and VDD(INTF)actmin = 2.64 V then
R1nom = 50.88 kΩ
R2nom = 49.12 kΩ
Deactivation always occurs when
(11)
where
Vth(min) is the minimum falling external threshold voltage
VDD(INTF)deactmax is the maximum value of VDD(INTF) below which deactivation always
occurs
α
max
(12)
With the resulting values for R1nom, R2nom and β; Vth(min) = 1.17 V (see Table 8 on
page 23) then VDD(INTF)deactmax is 2.28 V.
8.3 Clock circuits
The clock signal (pin CLK) to the card is either generated by the clock signal input on pin
XTAL1 or from a crystal (fxtal ≤ 26 MHz) connected between pins XTAL1 and XTAL2. The
voltage level applied to pin ENCLKIN defines which clock signal is used. When pin
ENCLKIN is HIGH, connect the external clock to pin XTAL1.
Driving pin ENCLKIN LOW causes the external crystal to generate frequency fxtal. Using
pins CLKDIV1 and CLKDIV2, the crystal frequency can be set to either fxtal, 12 fxtal, 14 fxtal
or 1
8 fxtal.
The frequency change is synchronous and as such during transition, no pulse is shorter
than 45 % of the smallest period. In addition, only the first and last clock pulse around the
change have the correct width. When dynamically changing the frequency, the
modification is only effective after 10 periods of XTAL1.
R1
nom
R2
nom
---------------
1
β
()
1
β
+
()
-----------------
V
DD INTF
()actmin
V
th max
()
----------------------------------------
1


=
R2
nom
R
sum
1
R1
nom
R2
nom
---------------
+


------------------------------
R
sum
1
1
β
()
1
β
+
()
-----------------
V
DD INTF
()actmin
V
th max
()
----------------------------------------
1


+


--------------------------------------------------------------------------------------------
==
V
PORADJ
V
th min
()
<
V
DD INTF
()deactmax
V
th min
()
α
max
-------------------
=
α
max
1
1
R1
nom
1
β
()
R2
nom
1
β
+
()
-------------------------------------
+
-----------------------------------------------
V
th min
()
V
DD INTF
()deactmax
----------------------------------------------
==


Similar Part No. - TDA8025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
More results

Similar Description - TDA8025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
logo
Unisonic Technologies
UTDA8024 UTC-UTDA8024 Datasheet
351Kb / 15P
   IC CARD INTERFACE
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com