Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN013-80YS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN013-80YS
Description  N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN013-80YS Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN013-80YS Datasheet HTML 1Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 2Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 3Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 4Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 5Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 6Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 7Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 8Page - NXP Semiconductors PSMN013-80YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN013-80YS
N-channel LFPAK 80 V 12.9 m
Ω standard level MOSFET
Rev. 01 — 25 June 2009
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in LFPAK package qualified to 175 °C. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
Advanced TrenchMOS provides low
RDSon and low gate charge
High efficiency gains in switching
power converters
Improved mechanical and thermal
characteristics
LFPAK provides maximum power
density in a Power SO8 package
1.3 Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
Motor control
Server power supplies
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
--80
V
ID
drain current
Tmb =25°C; VGS = 10 V; see Figure 1
--60
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
-
-
106
W
Tj
junction temperature
-55
-
175
°C
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25°C; ID =55A; Vsup ≤ 80 V;
RGS =50 Ω; unclamped
--70
mJ
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =25A; VDS =40V; see Figure 14;
see Figure 15
-8
-nC
QG(tot)
total gate charge
VGS =10V; ID =25A; VDS =40V; see Figure 14;
see Figure 15
-37
-
nC
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =15A; Tj = 100 °C; see Figure 12
-
-
19.8
m
VGS =10V; ID =15A; Tj = 25 °C; see Figure 13
-
9.7
12.9
m


Similar Part No. - PSMN013-80YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
More results

Similar Description - PSMN013-80YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
NXP Semiconductors
PSMN018-80YS PHILIPS-PSMN018-80YS Datasheet
234Kb / 15P
   N-channel LFPAK 80 V 18 m廓 standard level MOSFET
Rev. 02-28 October 2010
PSMN045-80YS NXP-PSMN045-80YS Datasheet
265Kb / 14P
   N-channel LFPAK 80 V 45 m廓 standard level MOSFET
Rev. 01-19 March 2010
PSMN8R2-80YS NXP-PSMN8R2-80YS Datasheet
224Kb / 14P
   N-channel LFPAK 80 V 8.5 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN026-80YS NXP-PSMN026-80YS Datasheet
233Kb / 14P
   N-channel LFPAK 80 V 27.5 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN011-80YS NXP-PSMN011-80YS Datasheet
248Kb / 14P
   N-channel LFPAK 80 V 11 m廓 standard level MOSFET
Rev. 01-26 February 2010
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
   N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com