Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT3906M Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMBT3906M
Description  40 V, 200 mA PNP switching transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3906M Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMBT3906M Datasheet HTML 3Page - NXP Semiconductors PMBT3906M Datasheet HTML 4Page - NXP Semiconductors PMBT3906M Datasheet HTML 5Page - NXP Semiconductors PMBT3906M Datasheet HTML 6Page - NXP Semiconductors PMBT3906M Datasheet HTML 7Page - NXP Semiconductors PMBT3906M Datasheet HTML 8Page - NXP Semiconductors PMBT3906M Datasheet HTML 9Page - NXP Semiconductors PMBT3906M Datasheet HTML 10Page - NXP Semiconductors PMBT3906M Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PMBT3906M_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 22 July 2009
7 of 11
NXP Semiconductors
PMBT3906M
40 V, 200 mA PNP switching transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
VI = 5 V; t = 600 µs; tp =10 µs; tr =tf ≤ 3ns
R1 = 56
Ω; R2 = 2.5 kΩ; RB = 3.9 kΩ; RC = 270 Ω
VBB = 1.9 V; VCC = −3V
Oscilloscope: input impedance Zi =50 Ω
Fig 8.
Test circuit for switching times
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
VI
VCC
Fig 9.
Package outline SOT883 (SC-101)
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
21
0.30
0.22
0.30
0.22
1.02
0.95
0.35


Similar Part No. - PMBT3906M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
   40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
   40 V, 200 mA PNP switching transistor
More results

Similar Description - PMBT3906M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
   40 V, 200 mA PNP switching transistor
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
   40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
logo
NXP Semiconductors
PMBT3906VS NXP-PMBT3906VS Datasheet
94Kb / 11P
   40 V, 200 mA PNP/PNP switching transistor
Rev. 01-20 August 2009
PMST3906 NXP-PMST3906 Datasheet
84Kb / 10P
   40 V, 200 mA PNP switching transistor
Rev. 05-29 April 2009
logo
Nexperia B.V. All right...
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
   40 V, 200 mA PNP/PNP switching transistor
28 December 2022
logo
NXP Semiconductors
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
logo
Nexperia B.V. All right...
PMBT3946VPN NEXPERIA-PMBT3946VPN Datasheet
269Kb / 12P
   40 V, 200 mA NPN/PNP switching transistor
28 December 2022
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
   40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
   40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com