Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9685 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel, 12-bit PWM Fm I2C-bus LED controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9685 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 34Page - NXP Semiconductors PCA9685 Datasheet HTML 35Page - NXP Semiconductors PCA9685 Datasheet HTML 36Page - NXP Semiconductors PCA9685 Datasheet HTML 37Page - NXP Semiconductors PCA9685 Datasheet HTML 38Page - NXP Semiconductors PCA9685 Datasheet HTML 39Page - NXP Semiconductors PCA9685 Datasheet HTML 40Page - NXP Semiconductors PCA9685 Datasheet HTML 41Page - NXP Semiconductors PCA9685 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
PCA9685_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 July 2009
38 of 50
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
[1]
VDD must be lowered to 0.2 V in order to reset part.
[2]
Each bit must be limited to a maximum of 25 mA and the total package limited to 400 mA due to internal busing limits.
Address inputs; OE input; EXTCLK
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
-
3
5
pF
Table 13.
Static characteristics …continued
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 28. IDD typical values with OSC on and
fSCL = 1 MHz versus temperature
Fig 29. IOL typical drive (LEDn outputs) versus
temperature
Fig 30. Standby supply current versus temperature
002aad877
Tamb (°C)
−50
100
50
0
4
6
2
8
10
IDD
(mA)
0
VDD = 5.5 V
3.3 V
2.3 V
−50
100
50
0
002aad878
20
40
60
IOL
(mA)
0
Tamb (°C)
VDD = 4.5 V
3.0 V
2.3 V
002aad879
Tamb (°C)
−50
100
50
0
2
3
1
4
5
Istb
(
µA)
0
VDD = 5.5 V
3.3 V
2.3 V


Similar Part No. - PCA9685

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9685 NXP-PCA9685 Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
PCA9685 NXP-PCA9685 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9685 PHILIPS-PCA9685 Datasheet
404Kb / 52P
   16-channel 12-bit PWM Fm I2C-bus LED controller
Rev. 4-16 April 2015
PCA9685BS NXP-PCA9685BS Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
PCA9685BS NXP-PCA9685BS Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
More results

Similar Description - PCA9685

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9685 NXP-PCA9685_10 Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
PCA9685PW NXP-PCA9685PW Datasheet
1Mb / 51P
   16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
PCA9685 PHILIPS-PCA9685 Datasheet
404Kb / 52P
   16-channel 12-bit PWM Fm I2C-bus LED controller
Rev. 4-16 April 2015
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com