Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1005D650 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # DAC1005D650
Description  Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1005D650 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DAC1005D650 Datasheet HTML 6Page - NXP Semiconductors DAC1005D650 Datasheet HTML 7Page - NXP Semiconductors DAC1005D650 Datasheet HTML 8Page - NXP Semiconductors DAC1005D650 Datasheet HTML 9Page - NXP Semiconductors DAC1005D650 Datasheet HTML 10Page - NXP Semiconductors DAC1005D650 Datasheet HTML 11Page - NXP Semiconductors DAC1005D650 Datasheet HTML 12Page - NXP Semiconductors DAC1005D650 Datasheet HTML 13Page - NXP Semiconductors DAC1005D650 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
DAC1005D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2009
10 of 41
NXP Semiconductors
DAC1005D650
Dual 10-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
Clock inputs (CLKP and CLKN)[2]
Vi
input voltage
CLKP; or CLKN
|V
gpd| <50mV
C
[3] 825
-
1575
mV
Vidth
input differential
threshold voltage
|V
gpd| < 50 mV
C
[3]
−100
-
+100
mV
Ri
input resistance
D
-
10
-
M
Ci
input capacitance
D
-
0.5
-
pF
Digital inputs (I0 to I13, Q0 to Q13)
VIL
LOW-level input
voltage
C
GNDIO -
1.0
V
VIH
HIGH-level input
voltage
C
2.3
-
VDD(IO)(3V3) V
IIL
LOW-level input
current
VIL = 1.0 V
I
-
40
-
µA
IIH
HIGH-level input
current
VIH = 2.3 V
I
-
80
-
µA
Digital inputs (SDO, SDIO, SCLK, SCS_N and RESET_N)
VIL
LOW-level input
voltage
C
GNDIO -
1.0
V
VIH
HIGH-level input
voltage
C
2.3
-
VDD(IO)(3V3) V
IIL
LOW-level input
current
VIL = 1.0 V
I
-
20
-
nA
IIH
HIGH-level input
current
VIH = 2.3 V
I
-
20
-
nA
Analog outputs (IOUTAP, IOUTAN, IOUTBP and IOUTBN)
IO(fs)
full-scale output
current
register value = 00h
C
-
1.6
-
mA
default register
C
-
20
-
mA
VO
output voltage
compliance range
C
1.8
-
VDDA(3V3)
V
Ro
output resistance
D
-
250
-
k
Co
output capacitance
D
-
3
-
pF
NDAC(mono)
DAC monotonicity
guaranteed
D
-
8
-
bit
∆EO
offset error variation
C
-
6
-
ppm/
°C
∆EG
gain error variation
C
-
18
-
ppm/
°C
Reference voltage output (GAPOUT)
VO(ref)
reference output
voltage
Tamb = 25 °C
I
1.2
1.25
1.29
V
∆VO(ref)
reference output
voltage variation
C
-
117
-
ppm/
°C
IO(ref)
reference output
current
external voltage 1.25 V
D
-
40
-
µA
Table 5.
Characteristics …continued
VDDA(1V8) = VDDD(1V8) = 1.8 V; VDDA(3V3) = VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together;
Tamb = −40 °C to +85 °C; typical values measured at Tamb =25 °C; RL =50 Ω;IO(fs) = 20 mA; maximum sample rate; PLL on;
unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


Similar Part No. - DAC1005D650

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1005D650HW RENESAS-DAC1005D650HW Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
More results

Similar Description - DAC1005D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
DAC1205D650 NXP-DAC1205D650 Datasheet
203Kb / 42P
   Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com