Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-DIV23LF-02-50R1-1002J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # SOT-DIV23LF-02-50R1-1002J
Description  SOT23 Surface Mount Voltage Divider
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SOT-DIV23LF-02-50R1-1002J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  SOT-DIV23LF-02-50R1-1002J Datasheet HTML 1Page - IRC - a TT electronics Company. SOT-DIV23LF-02-50R1-1002J Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIV23 Series Issue January 2009 Sheet 2 of 2
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SOT23 Surface Mount
Voltage Divider
Physical Data
Ordering Procedure
Prefix
SOT - DIV23LF -
01 - 1002 - 1002 - F B
Style
DIV23 = Divider network with standard Sn/Pb termination
DIV23LF= Divider network with Pb-free termination
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C;
02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW; 50R1 = 50.1W
R2 Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW; 50R1 = 50.1W
Absolute Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%;
D = ±0.5%; C = ±0.25%; B = ±0.1%
Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%;
C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Standard packaging is tape & reel.
SOT23 Series Legacy Design Note
The SOT-DIV23 place R1 between pins 1 and 3 and R2 between pins 2 and 3.
The SOT-SOT23 place R1 between pins 2 and 3 and R2 between pins 1 and 3.
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Power Derating Data
25°
70°
125°
100
50
10
Temperature in °C
Schematic Data
R2
R1
1
2
3
Viewed from top of part
Note: Dimensions do not include mold flash and metal burr.


Similar Part No. - SOT-DIV23LF-02-50R1-1002J

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SOT-143 ALPHA-SOT-143 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
logo
Skyworks Solutions Inc.
SOT-143 SKYWORKS-SOT-143 Datasheet
147Kb / 4P
   Surface Mount Schottky Quad Mixer Diodes
logo
Shenzhen Luguang Electr...
SOT-143 LUGUANG-SOT-143 Datasheet
144Kb / 3P
   Surface mount switching diode
SOT-143 LUGUANG-SOT-143 Datasheet
281Kb / 4P
   High-speed Double Diode
SOT-143 LUGUANG-SOT-143 Datasheet
2Mb / 4P
   Surface mount switching diode
More results

Similar Description - SOT-DIV23LF-02-50R1-1002J

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DIV23 TTELEC-DIV23_17 Datasheet
546Kb / 3P
   SOT23 Surface Mount Voltage Divider
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
   SOT23 Thin Film Precision Voltage Divider Network
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
   Surface Mount Divider Network
logo
Maxim Integrated Produc...
MAX5491 MAXIM-MAX5491 Datasheet
155Kb / 7P
   Precision-Matched Resistor-Divider in SOT23
Rev 3; 12/04
logo
Microsemi Corporation
LXP1000 MICROSEMI-LXP1000 Datasheet
183Kb / 3P
   SURFACE MOUNT SOT23 PKG PIN Diodes
logo
M/A-COM Technology Solu...
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
   Surface Mount Two-Way Power Divider
MAPD-010201-8022CG MA-COM-MAPD-010201-8022CG Datasheet
274Kb / 4P
   E-Series Surface Mount Power Divider
MAPD-010201-8022CG MA-COM-MAPD-010201-8022CG_15 Datasheet
274Kb / 4P
   E-Series Surface Mount Power Divider
MAPD-010201-8022CG MA-COM-MAPD-010201-8022CG Datasheet
274Kb / 4P
   E-Series Surface Mount Power Divider
DS-MAPD-008957-CT0012_V2 MA-COM-DS-MAPD-008957-CT0012_V2 Datasheet
226Kb / 4P
   E-Series Surface Mount Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com