Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2717 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC2717
Description  Stepper Motor Drive Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2717 Datasheet(HTML) 7 Page - Texas Instruments

  UC2717 Datasheet HTML 1Page - Texas Instruments UC2717 Datasheet HTML 2Page - Texas Instruments UC2717 Datasheet HTML 3Page - Texas Instruments UC2717 Datasheet HTML 4Page - Texas Instruments UC2717 Datasheet HTML 5Page - Texas Instruments UC2717 Datasheet HTML 6Page - Texas Instruments UC2717 Datasheet HTML 7Page - Texas Instruments UC2717 Datasheet HTML 8Page - Texas Instruments UC2717 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC1717
UC2717
UC3717
Figure 14: Half-Step, Bidirectional Drive Logic
Half-Stepping: In the half step sequence the power in-
put to the motor alternates between one or two phases
being energized. In a two phase motor the electrical
phase shift between the windings is 90 degrees. The
torque developed is the vector sum of the two windings
energized. Therefore when only one winding is energized
the torque of the motor is reduced by approximately
30%. This causes a torque ripple and if it is necessary to
compensate for this, the VR input can be used to boost
the current of the single energized winding.
Ramping: Every drive system has inertia and must be
considered in the drive scheme. The rotor and load iner-
tia plays a big role at higher speeds. Unlike the DC motor
the stepping motor is a synchronous motor and does not
change its speed due to load variations. Examining typi-
cal stepping motors, torque vs. speed curves indicates a
sharp torque drop off for the start-stop without error
curve, even with a constant current drive. The reason for
this is that the torque requirements increase by the
square of the speed change, and the power need in-
creases by the cube of the speed change. As it can be
seen, for good motor performance controlled accelera-
tion and deceleration should be considered.
Iron Core Losses: Some motors, especially the Tin-Can
type, exhibit high iron losses mostly due to eddy currents
which rise in an exponential manner as the frequency or
step rate is increased. The power losses can not be cal-
culated by I
2R where I is the chopping current level and
R the DC resistance of the coil. Actual measurements in-
dicate the effective resistance may be many times larger.
Therefore, for 100% duty cycle the current must be lim-
ited to a value which will not overheat the motor. This
may not be necessary for lower duty cycle operation.
Interference: Electrical noise generated by the chopping
action can cause interference problems, particularly in
the vicinity of magnetic storage media. With this in mind,
printed circuit layouts, wire runs and decoupling must be
considered. 0.01 to 0.1
µF ceramic capacitors for high fre-
quency bypass located near the drive package across
V+ and ground might be very helpful. The connection
and ground leads of the current sensing components
should be kept as short as possible.
Ordering Information
UNITRODE TYPE NUMBER
UC3717N - 16 Pin Dual-in-line (DIL) "Bat Wing" Package
UC1717J - 16 Pin Dual-in-line Ceramic Package
UC1717SP - 16 Pin Dual-in-line Hermetic Power Package
CONSIDERATION
7


Similar Part No. - UC2717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2717 TI-UC2717 Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC2717 TI-UC2717 Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC2717J TI-UC2717J Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC2717J TI-UC2717J Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC2717

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com