Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1213D065 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ADC1213D065
Description  Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D065 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC1213D065 Datasheet HTML 5Page - NXP Semiconductors ADC1213D065 Datasheet HTML 6Page - NXP Semiconductors ADC1213D065 Datasheet HTML 7Page - NXP Semiconductors ADC1213D065 Datasheet HTML 8Page - NXP Semiconductors ADC1213D065 Datasheet HTML 9Page - NXP Semiconductors ADC1213D065 Datasheet HTML 10Page - NXP Semiconductors ADC1213D065 Datasheet HTML 11Page - NXP Semiconductors ADC1213D065 Datasheet HTML 12Page - NXP Semiconductors ADC1213D065 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ADC1213D065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 17 June 2009
9 of 38
NXP Semiconductors
ADC1213D065/080/105/125
Dual 12-bit ADC; 65, 80, 105 or 125 Msps
10. Dynamic characteristics
MG(CTC)
channel-to-channel gain
matching
-
<tbd>
-
%
Supply
PSRR
Power Supply Rejection
Ratio
100 mV (p-p) on VDDA
-
35
-
dBc
Table 5.
Characteristics …continued
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C and CL = 5 pF.
Min. and max. values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDD = 1.8 V ;
Vi (INAP, INBP) − Vi (INAM, INBM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Characteristics
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C and CL = 5 pF.
Min. and max. values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDD = 1.8 V ;
Vi (INAP, INBP) − Vi (INAM, INBM) = −1 dBFS; internal reference mode; 100 Ω differential applied to serial outputs; unless
otherwise specified.
Symbol Parameter
Conditions
ADC1213D065 ADC1213D080
ADC1213D105
ADC1213D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
α2H
second
harmonic level
fi = 3 MHz
-94
-
-94
-
-96
--96
-
dBc
fi = 30 MHz
-93
-
-93
-
-92
--93
-
dBc
fi = 70 MHz
-90
-
-91
-
-91
--91
-
dBc
fi = 170 MHz
-
88
-
-
88
-
-
85
-
-
85
-
dBc
α3H
third harmonic
level
fi = 3 MHz
-92
-
-93
-
-91
--90
-
dBc
fi = 30 MHz
-91
-
-92
-
-91
--89
-
dBc
fi = 70 MHz
-90
-
-90
-
-90
--87
-
dBc
fi = 170 MHz
-
88
-
-
87
-
-
88
-
-
87
-
dBc
THD
total harmonic
distortion
fi = 3 MHz
-88
-
-88
-
-87
--87
-
dBc
fi = 30 MHz
-87
-
-87
-
-87
--86
-
dBc
fi = 70 MHz
-86
-
-86
-
-85
--84
-
dBc
fi = 170 MHz
-
83
-
-
83
-
-
82
-
-
82
-
dBc
ENOB
effective
number of bits
fi = 3 MHz
-
11.3 -
-
11.3 -
-
11.3 -
-
11.2 -
Bits
fi = 30 MHz
-
11.2 -
-
11.2 -
-
11.2 -
-
11.2 -
Bits
fi = 70 MHz
-
11.1 -
-
11.1 -
-
11.1 -
-
11.1 -
Bits
fi = 170 MHz
-
11.3 -
-
11.3 -
-
11.3 -
-
11.3 -
Bits
Nth(RMS) RMS thermal
noise
-
tbd
--
tbd
--
tbd
--
tbd
-
tbd
SNR
signal-to-noise
ratio
fi = 3 MHz
-
70.7 -
-
70.6 -
-
70.5 -
-
70.3 -
dBFS
fi = 30 MHz
-
70.2 -
-
70.2 -
-
70.2 -
-
70.1 -
dBFS
fi = 70 MHz
-
69.9 -
-
69.9 -
-
69.8 -
-
69.7 -
dBFS
fi = 170 MHz
-
69.5 -
-
69.5 -
-
69.4 -
-
69.3 -
dBFS


Similar Part No. - ADC1213D065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D065C1 NXP-ADC1213D065C1 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213D065C1 NXP-ADC1213D065C1 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1213D065HN NXP-ADC1213D065HN Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213D065HN NXP-ADC1213D065HN Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D065HN-C1 IDT-ADC1213D065HN-C1 Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1213D065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com