Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2714 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2714
Description  Complementary Switch FET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2714 Datasheet(HTML) 1 Page - Texas Instruments

  UC2714 Datasheet HTML 1Page - Texas Instruments UC2714 Datasheet HTML 2Page - Texas Instruments UC2714 Datasheet HTML 3Page - Texas Instruments UC2714 Datasheet HTML 4Page - Texas Instruments UC2714 Datasheet HTML 5Page - Texas Instruments UC2714 Datasheet HTML 6Page - Texas Instruments UC2714 Datasheet HTML 7Page - Texas Instruments UC2714 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC1714/5
UC2714/5
UC3714/5
FEATURES
• Single Input (PWM and TTL
Compatible)
• High Current Power FET Driver, 1.0A
Source/2A Sink
• Auxiliary Output FET Driver, 0.5A
Source/1A Sink
• Time Delays Between Power and
Auxiliary Outputs Independently
Programmable from 50ns to 500ns
• Time Delay or True Zero-Voltage
Operation Independently Configurable
for Each Output
• Switching Frequency to 1MHz
• Typical 50ns Propagation Delays
• ENBL Pin Activates 220µA Sleep
Mode
• Power Output is Active Low in Sleep
Mode
• Synchronous Rectifier Driver
DESCRIPTION
These two families of high speed drivers are designed to provide drive
waveforms for complementary switches. Complementary switch configura-
tions are commonly used in synchronous rectification circuits and active
clamp/reset circuits, which can provide zero voltage switching. In order to
facilitate the soft switching transitions, independently programmable de-
lays between the two output waveforms are provided on these drivers.
The delay pins also have true zero voltage sensing capability which allows
immediate activation of the corresponding switch when zero voltage is ap-
plied. These devices require a PWM-type input to operate and can be in-
terfaced with commonly available PWM controllers.
In the UC1714 series, the AUX output is inverted to allow driving a
p-channel MOSFET. In the UC1715 series, the two outputs are configured
in a true complementary fashion.
6
5
7
8
INPUT
T1
T2
ENBL
S
Q
R
TIMER
V
REF
S
Q
R
TIMER
V
REF
50ns –500ns
50ns –500ns
5V
ENBL
V
CC
3V
GND
BIAS
1.4V
ENABLE
UC1714
ONLY
4AUX
2
PWR
1VCC
LOGIC
GATES
TIMER
REF
3GND
BLOCK DIAGRAM
Complementary Switch FET Drivers
02/99
UDG-99028
Note: Pin numbers refer to J, N and D packages.


Similar Part No. - UC2714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2714 TI1-UC2714 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714 TI1-UC2714 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714D TI1-UC2714D Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714D TI1-UC2714D Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714DG4 TI1-UC2714DG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Similar Description - UC2714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI1-UC1714_16 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com