Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1709-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC1709-SP
Description  DUAL HIGH-SPEED FET DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1709-SP Datasheet(HTML) 1 Page - Texas Instruments

  UC1709-SP Datasheet HTML 1Page - Texas Instruments UC1709-SP Datasheet HTML 2Page - Texas Instruments UC1709-SP Datasheet HTML 3Page - Texas Instruments UC1709-SP Datasheet HTML 4Page - Texas Instruments UC1709-SP Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UC1709, UC2709, UC3709
DUAL HIGH- SPEED FET DRIVER
SLUS196A -- NOVEMBER 1996 -- REVISED MARCH 2000
1
POST OFFICE BOX 655303
· DALLAS, TEXAS 75265
D
1.5 Amp Source/Sink Drive
D
Pin Compatible with 0026 Products
D
40 ns Rise and Fall into 1000pF
D
Low Quiescent Current
D
5 V to 40 V Operation
D
Thermal Protection
description
The UC3709 family of power drivers is an
effective low-cost solution to the problem of
providing fast turn-on and off for the
capacitive gates of power MOSFETs. Made
with a high-speed Schottky process, these
devices will provide up to 1.5 A of either
source or sink current from a totem--pole
output stage configured for minimal
cross-conduction current spike.
The UC3709 is pin compatible with the
MMH0026 or DS0026, and while the delay
times are longer, the supply current is much
less than these older devices.
With inverting logic, these units feature complete TTL compatibility at the inputs with an output stage that can
swing over 30 V. This design also includes thermal shutdown protection.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†}}}}
N--Pkg
J--Pkg
Supply Voltage, VCC
40 V
40V
...........................................
.......................
Output Current (Source or Sink)
Steady--State
±500 mA
±500 mA
...........................................
...................
Peak Transient
±1.5 A
±1.0 A
............................................
.....................
Capacitive Discharge Energy
20 mJ
15 mJ
................................
......................
Digital Inputs}
5.5 V
5.5 V
................................................
......................
Power Dissipation at TA =25°C1 W
1 W
..................................
.......................
Power Dissipation at TC =25°C3 W
2 W
..................................
.......................
Operating Temperature Range
--55°C to 125°C--55°C to 125°C
.........................
.............
Storage Temperature Range
--65°C to 150°C--65°C to 150°C
..........................
.............
Lead Temperature (Soldering, 10 Seconds)
300°C
300 °C
......................
.....................
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
All currents are positive into and negative out of the specified terminals. Digital drive can exceed 5.5V if input is limited to 10A. Consult the
Packaging Section of the Databook for thermal limitations and considerations of the package.
Copyright ã 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
simplified schematic (only one driver shown)
5 VOLT
REGULATOR
THERMAL
SENSE
6 k
5.6 V
INPUT
A OR B
INPUT
A OR B
GND
V
CC
UDG--00068


Similar Part No. - UC1709-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709 TI1-UC1709 Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1709J TI1-UC1709J Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1709J883B TI1-UC1709J883B Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1709L TI1-UC1709L Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1709L883B TI1-UC1709L883B Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results

Similar Description - UC1709-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709J TI1-UC1709J Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1711 TI-UC1711 Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC1711 TI1-UC1711_12 Datasheet
78Kb / 5P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com