Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1705N Datasheet(PDF) 1 Page - Texas Instruments

Part # UC1705N
Description  High Speed Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1705N Datasheet(HTML) 1 Page - Texas Instruments

  UC1705N Datasheet HTML 1Page - Texas Instruments UC1705N Datasheet HTML 2Page - Texas Instruments UC1705N Datasheet HTML 3Page - Texas Instruments UC1705N Datasheet HTML 4Page - Texas Instruments UC1705N Datasheet HTML 5Page - Texas Instruments UC1705N Datasheet HTML 6Page - Texas Instruments UC1705N Datasheet HTML 7Page - Texas Instruments UC1705N Datasheet HTML 8Page - Texas Instruments UC1705N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC1705
UC2705
UC3705
TRUTH TABLE
INV
N.I
OUT
H
L
H
L
H
H
L
L
L
H
L
L
OUT = INV and N.I.
OUT = INV or N.I.
High Speed Power Driver
FEATURES
1.5A Source/Sink Drive
100 nsec Delay
40 nsec Rise and Fall into
1000pF
Inverting and Non-Inverting
Inputs
Low Cross-Conduction Current
Spike
Low Quiescent Current
5V to 40V Operation
Thermal Shutdown Protection
MINIDIP and Power Packages
CONNECTION DIAGRAMS
BLOCK DIAGRAM
DESCRIPTION
The UC1705 family of power drivers is made with a high speed Schottky pro-
cess to interface between low-level control functions and high-power switching
devices - particularly power MOSFETs. These devices are also an optimum
choice for capacitive line drivers where up to 1.5 amps may be switched in ei-
ther direction. With both Inverting and Non-Inverting inputs available, logic sig-
nals of either polarity may be accepted, or one input can be used to gate or
strobe the other.
Supply voltages for both VS and VC can independently range from 5V to 40V.
For additional application details, see the UC1707/3707 data sheet.
The UC1705 is packaged in an 8-pin hermetically sealed CERDIP for -55°C to
+125°C operation. The UC3705 is specified for a temperature range of 0°C to
+70°C and is available in either a plastic minidip or a 5-pin, power TO-220
package.
application
INFO
available
DIL-8 MINIDIP, SOIC-8
(TOP VIEW)
N or J Package, D Package
5-PIN TO-220
(TOP VIEW)
T Package
JANUARY 1994 - REVISED AUGUST 2000 - SLUS370A


Similar Part No. - UC1705N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI1-UC1705 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705-SP TI1-UC1705-SP Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705J TI1-UC1705J Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705J883B TI1-UC1705J883B Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705L883B TI1-UC1705L883B Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
More results

Similar Description - UC1705N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com