Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSF-1-100-11R0-K-LF-BLK Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HSF-1-100-11R0-K-LF-BLK
Description  METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HSF-1-100-11R0-K-LF-BLK Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HSF-1-100-11R0-K-LF-BLK Datasheet HTML 1Page - IRC - a TT electronics Company. HSF-1-100-11R0-K-LF-BLK Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
HSF-1 SURGE CAPABILITY DATA:
HSF-1 POWER DERATING DATA:
Ordering Data:
Sample Part No.
IRC Type
(HSF-1)
Temperature Coefficient
(50 = ±50ppm°C; 100 = ±100ppm/°C)
Resistance Value
Standard 4-digit resistance code. Consult factory for available
values.
Tolerance
(K = 10%)
Lead-Free Construction
Packaging Code
(BLK = Bulk, 7=7" Reel, 13=13" Reel)
HSF-1 - 100 - 11R0 - K - LF - 13
Use for low repetitive pulses where the average power
.
C
°
0
7
t
a
g
n
i
t
a
r
t
n
e
n
o
p
m
o
c
e
h
t
d
e
e
c
x
e
o
t
t
o
n
s
i
n
o
i
t
a
p
i
s
s
i
d
Surge handling capacity for low-repetitive surges may be
significantly greater than shown above. Contact factory
General Note
IRC reser ves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiar y of
TT electronics plc
Issue October 2008
WIREWOUND AND FILM TECHNOLOGIES DIVISION · 4222 South Staples Street · Corpus Christi Texas 78411 USA
Telephone: 361-992-7900
· Facsimile: 361-992-3377 · Website: www.irctt.com


Similar Part No. - HSF-1-100-11R0-K-LF-BLK

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HSF-1-100-2700-K TTELEC-HSF-1-100-2700-K Datasheet
400Kb / 4P
   High Surge Film Surface Mount Metal GlazeTM
More results

Similar Description - HSF-1-100-11R0-K-LF-BLK

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
   Metal Glaze General Purpose Surface Mount Power Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
   General Purpose Power Metal Glaze Resistor
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
   Metal Glaze High Power Density Surface Mount Power Resistor
ARG IRCTT-ARG Datasheet
154Kb / 1P
   High Power Metal Glaze??Resistor
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
   High Voltage Metal Glaze Resistor
5/4/2022
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com