Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX-7V-SM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX-7V-SM2
Description  80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX-7V-SM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX-7V-SM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX-7V-SM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
STATEK’s next generation ultra-miniature CX-7V-SM quartz
crystals feature an innovation in quartz crystal miniaturization
design and manufacturing process. The CX-7V-SM quartz
crystals are hermetically sealed in the smallest surface mount
ceramic package in the world! This high quality tuning fork
resonator is intended for use in Pierce oscillators.
FEATURES
Ultra-miniature design: (Typical dimensions)
Length
Width
Thickness
Inches 0.157
0.072
0.041
(mm)
4.00
1.83
1.00
Designed for surface mount applications using infrared,
vapor phase, wave solder or epoxy mount techniques
Hermetically sealed ceramic package
Quartz crystal tuning fork design
High shock resistance
Excellent aging characteristics
Designed for low power applications
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Pacemaker, defibrillator and hearing aid
Industrial, Computer & Communications
Smart card
Military & Aerospace
Airborne hybrid computer
Real time clock
MCM
CX-7V-SM CRYSTAL
80 kHz to 160 kHz
Ultra-Miniature, Low Profile
Surface Mount Quartz Crystal
10152 - Rev C
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.157
4.00
.162
4.11
B
.072
1.83
.085
2.16
C
-
-
see below
D
.035
0.89
.045
1.14
DIM “C”
GLASS LID
CERAMIC LID
MAX
INCHES
mm
INCHES
mm
SM1
.045
1.14
.050
1.27
SM2
.046
1.17
.051
1.30
SM3
.048
1.22
.053
1.35
TOP
BOTTOM
B
A
C
D
PACKAGE DIMENSIONS
actual size
SUGGESTED LAND PATTERN
.067[1.70]
.092
[2.34]
GRID COURTYARD
.055[1.40]
.121[3.07]
.177[4.50]
side view


Similar Part No. - CX-7V-SM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-7-SM STATEK-CX-7-SM Datasheet
40Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
logo
RSG Electronic Componen...
CX-7-SM RSG-CX-7-SM Datasheet
65Kb / 2P
   20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
CX-7-SM1 RSG-CX-7-SM1 Datasheet
65Kb / 2P
   20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
CX-7-SM2 RSG-CX-7-SM2 Datasheet
65Kb / 2P
   20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
CX-7-SM3 RSG-CX-7-SM3 Datasheet
65Kb / 2P
   20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
More results

Similar Description - CX-7V-SM2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX9VSM RSG-CX9VSM Datasheet
456Kb / 2P
   32 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
   530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
   760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com