Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2625 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC2625
Description  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2625 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2625 Datasheet HTML 3Page - Texas Instruments UC2625 Datasheet HTML 4Page - Texas Instruments UC2625 Datasheet HTML 5Page - Texas Instruments UC2625 Datasheet HTML 6Page - Texas Instruments UC2625 Datasheet HTML 7Page - Texas Instruments UC2625 Datasheet HTML 8Page - Texas Instruments UC2625 Datasheet HTML 9Page - Texas Instruments UC2625 Datasheet HTML 10Page - Texas Instruments UC2625 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
UC1625
UC2625
UC3625
SSTART clamps the output of the error amplifier, not al-
lowing the error amplifier output voltage to exceed
SSTART regardless of input. The ramp on RC-Osc can
be applied to PWM In and compared to E/A Out. With
SSTART discharged below 0.2V and the ramp minimum
being approximately 1.0V, the PWM comparator will
keep the PWM latch cleared and the outputs off. As
SSTART rises, the PWM comparator will begin to
duty-cycle modulate the PWM latch until the error ampli-
fier inputs overcome the clamp. This provides for a safe
and orderly motor start-up from an off or fault condition.
Tach-Out: Any change in the H1, H2, or H3 inputs loads
data from these inputs into the position sensor latches.
At the same time data is loaded, a fixed-width 5V pulse
is triggered on Tach-Out. The average value of the volt-
age on Tach-Out is directly proportional to speed, so
this output can be used as a true tachometer for speed
feedback with an external filter or averaging circuit
which usually consists of a resistor and capacitor.
Whenever Tach-Out is high, the position latches are in-
hibited, such that during the noisiest part of the commu-
tation cycle, additional commutations are not possible.
Although this will effectively set a maximum rotational
speed, the maximum speed can be set above the high-
est expected speed, preventing false commutation and
chatter.
VCC: This device operates with supplies between 10V
and 18V. Under-voltage lockout keeps all outputs off be-
low 7.5V, insuring that the output transistors never turn
on until full drive capability is available. Bypass VCC to
ground with an 0.1
µF ceramic capacitor. Using a 10µF
electrolytic bypass capacitor as well can be beneficial in
applications with high supply impedance.
VREF: This pin provides regulated 5 volts for driving
Hall-effect devices and speed control circuitry. VREF will
reach +5V before VCC enables, ensuring that Hall-effect
devices powered from VREF will become active before
the UC3625 drives any output. Although VREF is current
limited, operation over 30mA is not advised. For proper
performance VREF should be bypassed with at least a
0.1
µF capacitor to ground.
PIN DESCRIPTIONS (cont.)
Cross Conduction Prevention
The UC3625 inserts delays to prevent cross conduction
due to overlapping drive signals. However, some thought
must always be given to cross conduction in output stage
design because no amount of dead time can prevent fast
slewing signals from coupling drive to a power device
through a parasitic capacitance.
The UC3625 contains input latches that serve as noise
blanking
filters.
These
latches
remain
transparent
through any phase of a motor rotation and latch immedi-
ately after an input transition is detected. They remain
latched for two cycles of the PWM oscillator. At a PWM
oscillator speed of 20kHz, this corresponds to 50
µsto
100
µs of blank time which limits maximum rotational
speed to 100kRPM for a motor with six transitions per ro-
tation or 50kRPM for a motor with 12 transitions per rota-
tion.
This prevents noise generated in the first 50
µs of a tran-
sition from propagating to the output transistors and
causing cross–conduction or chatter.
The UC3625 also contains six flip flops corresponding to
the six output drive signals. One of these flip flops is set
every time that an output drive signal is turned on, and
cleared two PWM oscillator cycles after that drive signal
is turned off. The output of each flip flop is used to inhibit
drive to the opposing output (see below). In this way, it is
impossible to turn on driver PUA and PDA at the same
time. It is also impossible for one of these drivers to turn
on without the other driver having been off for at least
two PWM oscillator clocks.
APPLICATION INFORMATION
EDGE
FINDER
SHIFT
REG
SQ
Q
R
SQ
Q
R
PUA
PDA
PULL
DOWN
PULL UP
FROM
DECODER
PWM
CLK
Figure 1. Cross conduction prevention.


Similar Part No. - UC2625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2625 TI1-UC2625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWG4 TI1-UC2625DWG4 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWTR TI1-UC2625DWTR Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - UC2625

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com