Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0805P1000JT Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CR0805P1000JT
Description  Surface Mount Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CR0805P1000JT Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CR0805P1000JT Datasheet HTML 1Page - IRC - a TT electronics Company. CR0805P1000JT Datasheet HTML 2Page - IRC - a TT electronics Company. CR0805P1000JT Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
CR
Style
0805, 1206
Termination
F = Wrap Around, P = Planar
Resistance Value (EIA 4-digit code)
(≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100Ω = 1000; 1000Ω = 1001, 150,000Ω = 1503
(>100Ω - "R" is used to designate decimal)
Example: 51Ω = 51R0; 1Ω = 1R00; 0.25Ω = R250
Tolerance
F = 1.0%; G = 2.0%; J = 5.0%
*Packaging
T = Tape Pack (8mm tape)
*The preferred methods of packaging are:
Gold terminated chips are packed in waffle boxes, chips with wrap-around
terminations are supplied tape & reel on .8mm tape.
Ordering Data
CR
0805
F
1005
J
T
Specify type, reference, etc. as indicated in this example of a CR0805F 8.2M ohms 5% resistor with wrap-around
terminations and packed in a plastic bag.
Surface Mount
Resistor
CR Series Issue March 2009 Sheet 3 of 3


Similar Part No. - CR0805P1000JT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR0805 ETC1-CR0805 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Bourns Electronic Solut...
CR0805 BOURNS-CR0805 Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
logo
Welwyn Components Limit...
CR0805 WELWYN-CR0805 Datasheet
165Kb / 3P
   Surface Mounted Resistors
logo
Bourns Electronic Solut...
CR0805 BOURNS-CR0805 Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
More results

Similar Description - CR0805P1000JT

ManufacturerPart #DatasheetDescription
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
   Surface Mount Resistor
DEC-01-2023
RMV RFE-RMV Datasheet
705Kb / 4P
   SURFACE MOUNT RESISTOR
2017.12.21
RMHV RFE-RMHV Datasheet
1Mb / 5P
   SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
   SURFACE MOUNT RESISTOR
2015.04.15
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
   Chip Resistor Surface Mount
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com