Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVF21000KLFTR Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CVF21000KLFTR
Description  Commercial Grade Vertical Mount Power Wirewound & Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CVF21000KLFTR Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CVF21000KLFTR Datasheet HTML 1Page - IRC - a TT electronics Company. CVF21000KLFTR Datasheet HTML 2Page - IRC - a TT electronics Company. CVF21000KLFTR Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (mm)
IRC Type
Wirewound Type
Film Type
W (±1)
D (±1)
L (±1)
P (±1)
d (±0.02)
CVW - 2
CVF - 2
11.5
7.5
20.0
5
0.7
CVW - 3
CVF - 3
12.5
8.5
25.0
5
0.7
CVW - 5
CVF - 5
12.5
9.0
25.0
5
0.8
CVW - 7
CVF - 7
12.5
9.0
38.0
5
0.8
CVW - 10
CVF - 10
12.5
9.0
50.0
5
0.8
Commercial Grade
Vertical Mount Power
Wirewound & Film Resistors
W
D
L
5 ± 1
P
d
W
D
L
5 ± 1
P
d
5 ± 1
Radial Leaded Type - CVW/CVF Series
CVW
CVF
Power Derating Curve
Ambient Temperature (°C)
Temperature Rise Chart
+70°C +155°C
-55
0
50 100 150 200 250 300
100
80
60
40
20
0
+275°C
10W
7W
5W
3W
2W
250
200
150
100
50
0
20
40
60
80
100
CVW/CVF Series Issue March 2009 Sheet 2 of 3
Rated Load (%)


Similar Part No. - CVF21000KLFTR

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CVF-105 SYNERGY-CVF-105 Datasheet
41Kb / 2P
   MIXERS TRIPLE-BALANCED
CVF-110 SYNERGY-CVF-110 Datasheet
41Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
Stackpole Electronics, ...
CVF550K23 SEI-CVF550K23 Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
logo
Cree, Inc
CVFD20065A CREE-CVFD20065A Datasheet
997Kb / 6P
   Silicon Carbide Schottky Diode
logo
Broadcom Corporation.
CVFM04 BOARDCOM-CVFM04 Datasheet
449Kb / 19P
   MegaRAID짰 CacheVault??Protection Products
More results

Similar Description - CVF21000KLFTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL_15 Datasheet
90Kb / 3P
   Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
Revision: 17-Feb-11
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
   Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
Revision: 17-Feb-11
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
   Wirewound Resistors, Commercial Power, Vertical Mount
Revision 28-Aug-02
CPCC VISHAY-CPCC Datasheet
88Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 22-Dec-11
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision 07-Feb-02
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 05-Apr-11
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
logo
IRC - a TT electronics ...
CAW IRCTT-CAW Datasheet
245Kb / 3P
   Commercial Grade Axial Lead Power Wirewound & Film Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com