Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2525AJ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC2525AJ
Description  Regulating Pulse Width Modulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2525AJ Datasheet(HTML) 4 Page - Texas Instruments

  UC2525AJ Datasheet HTML 1Page - Texas Instruments UC2525AJ Datasheet HTML 2Page - Texas Instruments UC2525AJ Datasheet HTML 3Page - Texas Instruments UC2525AJ Datasheet HTML 4Page - Texas Instruments UC2525AJ Datasheet HTML 5Page - Texas Instruments UC2525AJ Datasheet HTML 6Page - Texas Instruments UC2525AJ Datasheet HTML 7Page - Texas Instruments UC2525AJ Datasheet HTML 8Page - Texas Instruments UC2525AJ Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UC1525A/27A
UC2525A/27A
UC3525A/27A
ELECTRICAL CHARACTERISTICS:+VIN = 20V, and over operating temperature, unless otherwise specified, TA =TJ.
PARAMETER
TEST CONDITIONS
UC1525A/UC2525A
UC1527A/UC2527A
UC3525A
UC3527A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
PWM Comparator
Minimum Duty-Cycle
0
0
%
Maximum Duty-Cycle (Note 6)
45
49
45
49
%
Input Threshold (Note 6)
Zero Duty-Cycle
0.7
0.9
0.7
0.9
V
Maximum Duty-Cycle
3.3
3.6
3.3
3.6
V
Input Bias Current (Note 5)
.05
1.0
.05
1.0
µA
Shutdown Section
Soft Start Current
VSD = 0V, VSS = 0V
255080255080
µA
Soft Start Low Level
VSD = 2.5V
0.4
0.7
0.4
0.7
V
Shutdown Threshold
To outputs, VSS = 5.1V, TJ = 25°C
0.6
0.8
1.0
0.6
0.8
1.0
V
Shutdown Input Current
VSD = 2.5V
0.4
1.0
0.4
1.0
mA
Shutdown Delay (Note 5)
VSD = 2.5V, TJ = 25°C
0.2
0.5
0.2
0.5
µs
Output Drivers(Each Output) (VC = 20V)
Output Low Level
ISINK = 20mA
0.2
0.4
0.2
0.4
V
ISINK = 100mA
1.0
2.0
1.0
2.0
V
Output High Level
ISOURCE = 20mA
18
19
18
19
V
ISOURCE = 100mA
17
18
17
18
V
Under-Voltage Lockout
VCOMP and VSS = High
678678
V
VC OFF Current (Note 7)
VC = 35V
200
200
µA
Rise Time (Note 5)
CL = 1nF, TJ = 25°C
100
600
100
600
ns
Fall Time (Note 5)
CL = 1nF, TJ = 25°C
50
300
50
300
ns
Total Standby Current
Supply Current
VIN = 35V
14
20
14
20
mA
Note 5: These parameters, although ensured over the recommended operating conditions, are not 100% tested in production.
Note 6: Tested at fOSC = 40kHz (RT = 3.6kW,CT = 0.01mF, RD =0W)
Note 7: Collector off-state quiescent current measured at pin 13 with outputs low for UC1525A and high for UC1527A.


Similar Part No. - UC2525AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2525AJ TI1-UC2525AJ Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525AJ TI1-UC2525AJ Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC2525AJ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com