Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

17D-303SCRR10000 Datasheet(PDF) 1 Page - DDK Ltd.

Part No. 17D-303SCRR10000
Description  Crimp Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17D-303SCRR10000 Datasheet(HTML) 1 Page - DDK Ltd.

  17D-303SCRR10000 Datasheet HTML 1Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 2Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 3Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
17DE Series
Connector for crimp-wiring equipped with crimp-type press-contacts (compatible with AWG 22 to 30)
Number of contacts : 9, 15, 25 and 37
Ni-plated metal shell surface; beat-process to plug-connector shell
Connection of cable and plug can be shielded by a metalize-finished hood, improving resistance against
EMI.
Crimp Type
FEATURE
SPECIFICATION
Voltage Rating
300V AC (r.m.s.)
Current Rating
3A/Contact
Dielectric Withstanding Voltage
1,000V AC (r.m.s.) for 1 minute
Insulation Resistance
1,000MΩ min. at 500V DC
Contact Resistance
20mΩ max.
Wire Accommodation
Stranded wire of AWG22, 24, 26, 28, 30
Outer diameter of insulator : φ0.8 to φ1.4
Temperature
-25℃ to +85℃
MATERIAL/FINISH
P/N
MATERIAL/FINISH
Block
PBT resin/(UL94V-0) color black
Shell
Steel/Nickel Plating
Contact
Copper alloy/Gold over Nickel plating
Eyelet
Brass/Nickel Plating
1
RoHS Compliant
17DE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn