Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

17D-303SCRR10000 Datasheet(PDF) 4 Page - DDK Ltd.

Part No. 17D-303SCRR10000
Description  Crimp Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17D-303SCRR10000 Datasheet(HTML) 4 Page - DDK Ltd.

  17D-303SCRR10000 Datasheet HTML 1Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 2Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 3Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
17DE Series
Unit : mm
●Manual wiring tool
P/N : 357J-10422 (For 17D-□□3□CR Contact type)
P/N : 357J-15475 (For 17D-□□4□CR Contact type)
●Tool for inserting/removing contact
P/N :357J-10309
●Tool for erecting contact ratch
  Designation : 357J-10310
  Used to erect ratch after removing contact inserted into
  insert-block by error.
●Semi-automatic crimping machine
 
Tools
Stripper crimper
Designation : AP-A10424 (including press unit)
Power supply : AC100V (0.2kW)
Weight : 88kg
4
Crimper
Designation : AP-A10423 (including press unit)
Power supply : AC100V
Weight : 45kg
17DE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn