Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9220RGZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9220RGZR
Description  Digital PWM System Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9220RGZR Datasheet(HTML) 2 Page - Texas Instruments

  UCD9220RGZR Datasheet HTML 1Page - Texas Instruments UCD9220RGZR Datasheet HTML 2Page - Texas Instruments UCD9220RGZR Datasheet HTML 3Page - Texas Instruments UCD9220RGZR Datasheet HTML 4Page - Texas Instruments UCD9220RGZR Datasheet HTML 5Page - Texas Instruments UCD9220RGZR Datasheet HTML 6Page - Texas Instruments UCD9220RGZR Datasheet HTML 7Page - Texas Instruments UCD9220RGZR Datasheet HTML 8Page - Texas Instruments UCD9220RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
UCD9220
SLUS904 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
OPERATING TEMPERATURE
ORDERABLE PART
TOP SIDE
PIN COUNT
SUPPLY
PACKAGE
RANGE, TA
NUMBER
MARKING
UCD9220RGZR
48-pin
Reel of 2500
QFN
UCD9220
–40°C to 110°C
UCD9220RGZT
48-pin
Reel of 250
QFN
UCD9220
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
VALUE
UNIT
Voltage applied at V33D to DGND1
–0.3 to 3.8
V
Voltage applied at V33A to AGND
–0.3 to 3.8
V
Voltage applied to any pin (2)
–0.3 to 3.8
V
Storage temperature (TSTG)
–40 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to GND.
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
V
Supply voltage during operation, V33D, V33A
3
3.3
3.6
V
TA
(1)
Operating free-air temperature range
–40
110
°C
TJ
(1)
Junction temperature
125
°C
(1)
When operating, the UCD9220's typical power consumption causes a 15 °C temperature rise from ambient.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): UCD9220


Similar Part No. - UCD9220RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222RGZR TI1-UCD9222RGZR Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
More results

Similar Description - UCD9220RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com