Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9220RGZR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9220RGZR
Description  Digital PWM System Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9220RGZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD9220RGZR Datasheet HTML 5Page - Texas Instruments UCD9220RGZR Datasheet HTML 6Page - Texas Instruments UCD9220RGZR Datasheet HTML 7Page - Texas Instruments UCD9220RGZR Datasheet HTML 8Page - Texas Instruments UCD9220RGZR Datasheet HTML 9Page - Texas Instruments UCD9220RGZR Datasheet HTML 10Page - Texas Instruments UCD9220RGZR Datasheet HTML 11Page - Texas Instruments UCD9220RGZR Datasheet HTML 12Page - Texas Instruments UCD9220RGZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TYPICAL APPLICATION SCHEMATIC
PTD08A020W
FAULT
PWM
SRE
INH
TEMP
VOUT
GND
IOUT
VBIAS
VIN
PTD08A010W
FAULT
PWM
SRE
INH
TEMP
VOUT
GND
IOUT
VBIAS
VIN
PTD08A010W
FAULT
PWM
SRE
INH
TEMP
VOUT
GND
IOUT
VBIAS
VIN
UCD9220
nTRST
TMS
TDI/Sync_In
TDO/Sync_Out
FLT-1A
DPWM-1A
SRE-1A
FLT-1B
DPWM-1B
SRE-1B
FLT-2A
DPWM-2A
SRE-2A
FLT-3A
DPWM-3A
SRE-3A
TMUX-0
TMUX-1
TCK
nRESET
PMBus_Clock
PMBus_Data
PMBus_Alert
PMBus_Cntl
EAP1
ADDR-0
ADDR-1
EAN1
EAP2
EAN2
Vin/Iin
Vtrack
Temperature
CS-1A
CS-1B
CS-2A
CS-3A
PowerGood
ADCref
GPIO-1
GPIO-2
+Vs2
-Vs2
+Vs1
-Vs1
Commutation
logic
PTD08A020W
UCD7230
temp
sensor
FAULT
PWM
SRE
INH
IOUT
VBIAS
VIN
TEMP
VOUT
GND
+3.3V
+3.3V
Vin
-Vs1
+Vs1
+Vs2
-Vs2
CD74HC4052
Vcc
1Y0
1Z
Gnd
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
2Z
S1
S0
E
+3.3V
Vinput
Iin
Temperature
Vin/Iin
Temp-1
Temp-2
Temp-3
Temp-4
Temp-4
Temp-3
Temp-2
Temp-1
Vin
Vin/Iin
Temperature
* Iin Optional
Vinput
UCD9220
www.ti.com .................................................................................................................................................................................................. SLUS904 – MARCH 2009
Figure 3 shows the UCD9220 power supply controller as part of a system that provides the regulation of two
independent power supplies. The loop for each power supply is created by the respective voltage outputs feeding
into the differential voltage error ADC (EADC) inputs, and completed by DPWM outputs feeding into the gate
drivers for each power stage (PTD modules in this example).
The ±Vsenserail signals must be routed to the EAp/EAn input that matches the number of the lowest DPWM
configured as part of the rail. (See more detail on page 19, "Flexible Rail/Power Stage Configuration".)
Figure 3. Typical Application Schematic
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCD9220


Similar Part No. - UCD9220RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222RGZR TI1-UCD9222RGZR Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
More results

Similar Description - UCD9220RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com