Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28019APG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28019APG4
Description  8-Pin Continuous Conduction Mode (CCM) PFC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28019APG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28019APG4 Datasheet HTML 2Page - Texas Instruments UCC28019APG4 Datasheet HTML 3Page - Texas Instruments UCC28019APG4 Datasheet HTML 4Page - Texas Instruments UCC28019APG4 Datasheet HTML 5Page - Texas Instruments UCC28019APG4 Datasheet HTML 6Page - Texas Instruments UCC28019APG4 Datasheet HTML 7Page - Texas Instruments UCC28019APG4 Datasheet HTML 8Page - Texas Instruments UCC28019APG4 Datasheet HTML 9Page - Texas Instruments UCC28019APG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
+
OVERVOLTAGE
5.25V
OVP
Input Brown-Out Protection
(IBOP)
+
+
VIN
ENABLE_th 1.5V
S
Q
Q
R
VIN
BROWNOUT_th 0.82V
5V
20k
IBOP
+
V
PCL
1.08V
Soft Over Current (SOC)
V
SOC 0.73V
Peak Current Limit (PCL)
SOC
40k
40k
+
-1x
300ns
Leading Edge
Blanking
UVLO
+
+
VCC
ON
10.5V
S
Q
Q
R
VCC
OFF
9.5V
UVLO
R
SENSE
C
OUT
L
BST
R
ISENSEfilter
+
Bridge
Rectifier
C
ISENSEfilter
LINE
INPUT
D
BST
V
OUT
C
CV2
R
CV
C
CV1
+
gmv
Voltage Error
Amplifier
+
gmi
C
ICOMP
S
Q
Q
R
PWM
Comparator
K
PC(s)
SOC
M
2
M
1
EMI Filter
VCOMP
C
IN
5V
65kHz
Oscillator
R
LOAD
C
VCC
Auxiliary
Supply
Current
Amplifier
3
ISENSE
2
ICOMP
VINS
4
5
VCOMP
6
VSENSE
7
1
VCC
GND
8
GATE
GAIN
M
1, K1
+
UNDERVOLTAGE
4.75V
EDR
C
VINS
R
VINS1
R
VINS2
VCC
Gate Driver
UVLO
IBOP
OLP
S
Q
Q
R
Pre-Drive and
Clamp Circuit
R
FB1
R
FB2
Q
BST
10k
R
GATE
C
VSENSE
+
PWM
RAMP
M
2
Min Off Time
+
Fault
Logic
Fault
FAULT
PCL
Clock
FAULT
4V
OVP
0.6V
+
ICOMP Protection
ISOP
ISOP
+
OLP/STANDBY
0.82V
OLP/STANDBY
100nA
+
END OF
SOFT-START
4.95V
END OF SS
S
Q
Q
R
EDR
END OF SS
FAULT
g
mv Enhancement
UCC28019A Block Diagram
SS
V
PRECHARGE
Rapid Discharge
when
VCC < VCC
OFF
FAULT
UVLO
UCC28019A
SLUS828B – DECEMBER 2008 – REVISED APRIL 2009.................................................................................................................................................. www.ti.com
Block Diagram
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): UCC28019A


Similar Part No. - UCC28019APG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results

Similar Description - UCC28019APG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019_15 Datasheet
822Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com