Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9220 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9220
Description  Digital PWM System Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9220 Datasheet(HTML) 3 Page - Texas Instruments

  UCD9220 Datasheet HTML 1Page - Texas Instruments UCD9220 Datasheet HTML 2Page - Texas Instruments UCD9220 Datasheet HTML 3Page - Texas Instruments UCD9220 Datasheet HTML 4Page - Texas Instruments UCD9220 Datasheet HTML 5Page - Texas Instruments UCD9220 Datasheet HTML 6Page - Texas Instruments UCD9220 Datasheet HTML 7Page - Texas Instruments UCD9220 Datasheet HTML 8Page - Texas Instruments UCD9220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ELECTRICAL CHARACTERISTICS
UCD9220
www.ti.com .................................................................................................................................................................................................. SLUS904 – MARCH 2009
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLY CURRENT
IV33A
V33A = 3.3 V
8
15
IV33D
V33D = 3.3 V
42
55
Supply current
mA
V33D = 3.3 V while storing configuration
IV33D
52
65
parameters in flash memory
INTERNAL REGULATOR CONTROLLER INPUTS/OUTPUTS
V33
3.3-V linear regulator
Emitter of NPN transistor
3.25
3.3
3.6
V
V33FB
3.3-V linear regulator feedback
4
4.6
IV33FB
Series pass base drive
VIN = 12 V; current into the pin
10
mA
Beta
Series NPN pass device
40
EXTERNALLY SUPPLIED 3.3 V POWER
V33D
Digital 3.3-V power
TA = 25°C
3.13
3.6
V
V33A
Analog 3.3-V power
TA = 25°C
3.13
3.6
V
ERROR AMPLIFIER INPUTS EAPn, EANn
VCM
Common mode voltage each pin
–0.15
1.848
V
–0.25
VDIFF
Differential Voltage Range
1.998
V
6
VERROR
Internal error Voltage range
AFE_GAIN field of CLA_GAINS = 0(1)
-256
248
mV
EAP-EAN
Error voltage digital resolution
AFE_GAIN field of CLA_Gains = 3
1
mV
REA
Input Impedance
Ground reference
0.5
1.5
3
M
IOFFSET
Input offset current
1 k
Ω source impedance
–5
5
µA
VREF DAC
VREF
Reference voltage setpoint
0
1.6
V
VREFRES
Reference voltage resolution
1.56
mV
ANALOG INPUTS CS-1A, CS-1B, CS-2A, CS-3A, Vin/IIN, Temperature, ADDR-0, ADDR-1, Vtrack, ADCref
IBIAS
Bias current for PMBus Addr pins
9
11
µA
VADDR_OPEN
Voltage indicating open pin
ADDR-0, ADDR-1 open
2.226
V
VADDR_SHORT
Voltage indicating shorted pin
ADDR-0, ADDR-1 short to ground
0.097
V
Inputs: VIn/IIN, Vtrack, Vtemperature
Measurment range for voltage
VADC_RANGE
0
2.5
V
monitoring
CS-1A, CS-1B, CS-2A, CS-3A
Overcurrent comparator threshold
VOC_THRS
Inputs: CS-1A, CS-1B, CS-2A, CS-3A
0.032
2
V
voltage range
Overcurrent comparator threshold
VOC_RES
Inputs: CS-1A, CS-1B, CS-2A, CS-3A
31.25
mV
voltage resolution
ADCref
External Reference input
1.8
V33A
V
Tempinternal
Int. temperature sense accuracy
Over range from 0°C to 125°C
–5
5
°C
INL
ADC integral nonlinearity
–2.5
2.5
mV
Ilkg
Input leakage current
3V applied to pin
100
nA
RIN
Input impedance
Ground reference
8
M
CIN
Current Sense Input capacitance
10
pF
(1)
See the UCD92xx PMBus Command Reference for the description of the AFE_GAIN field of CLA_GAINS command.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCD9220


Similar Part No. - UCD9220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9222 TI1-UCD9222 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222-EP TI1-UCD9222-EP_16 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL PWM SYSTEM CONTROLLER WITH 4-BIT, 6-BIT, OR 8-BIT VID SUPPORT
UCD9222RGZR TI1-UCD9222RGZR Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller with 4-bit, 6-bit, or 8-bit VID Support
More results

Similar Description - UCD9220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com