Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1200 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TWL1200
Description  SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1200 Datasheet(HTML) 4 Page - Texas Instruments

  TWL1200 Datasheet HTML 1Page - Texas Instruments TWL1200 Datasheet HTML 2Page - Texas Instruments TWL1200 Datasheet HTML 3Page - Texas Instruments TWL1200 Datasheet HTML 4Page - Texas Instruments TWL1200 Datasheet HTML 5Page - Texas Instruments TWL1200 Datasheet HTML 6Page - Texas Instruments TWL1200 Datasheet HTML 7Page - Texas Instruments TWL1200 Datasheet HTML 8Page - Texas Instruments TWL1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AUD_DIR
AUDIO_CLK(A)
AUDIO_CLK(B)
AUDIO_FSYNC(A)
AUDIO_F_SYNC(B)
V
CCB
SDIO-CLK(B)
SDIO-CLK(A)
WLAN-ENABLE(B)
WLAN-ENABLE(A)
WLAN-IRQ(B)
WLAN-IRQ(A)
CLK-REQ(B)
CLK-REQ(A)
V
CCA
OE
SLOW_CLK(A)
SLOW_CLK(B)
AUDIO_OUT(A)
AUDIO_OUT(B)
AUDIO_IN(A)
AUDIO_IN(B)
BT_EANBLE(A)
BT_EANBLE(B)
BT_UART_RX(A)
BT_UART_RX(B)
BT_UART_CTS(A)
BT_UART_CTS(B)
BT_UART_TX(A)
BT_UART_TX(B)
BT_UART_RTS(A)
BT_UART_RTS(B)
Control
Logic
V
CCA
V
CCB
Gate Control
One-Shot
One-Shot
Translator
SDIO-CMD(A)
SDIO-CMD(B)
R
(see Note A)
1
R
(see Note A)
2
One-Shot
One-Shot
Translator
V
CCA
V
CCB
Gate Control
One-Shot
One-Shot
Translator
SDIO-DATA0(A)
SDIO-
(B)
DATA0
R
(see Note A)
1
R
(see Note A)
2
One-Shot
One-Shot
Translator
V
CCA
V
CCB
Gate Control
One-Shot
One-Shot
Translator
SDIO-
(A)
DATA1
SDIO-
(B)
DATA1
R
(see Note A)
1
R
(see Note A)
2
One-Shot
One-Shot
Translator
V
CCA
V
CCB
Gate Control
One-Shot
One-Shot
Translator
SDIO-
(A)
DATA2
SDIO-
(B)
DATA2
R
(see Note A)
1
R
(see Note A)
2
One-Shot
One-Shot
Translator
V
CCA
V
CCB
Gate Control
One-Shot
One-Shot
Translator
SDIO-
(A)
DATA3
SDIO-
(B)
DATA3
R
(see Note A)
1
R
(see Note A)
2
One-Shot
One-Shot
Translator
Audio
Control
SDIO Bit
SDIO Bit
SDIO Bit
SDIO Bit
SDIO Bit
TWL1200
SCES786 – JUNE 2009...................................................................................................................................................................................................... www.ti.com
LOGIC DIAGRAM
A.
R1 and R2 resistor values are determined based upon the logic level applied to the A port or B port as follows:
R1 and R2 = 25 kΩ when a logic level low is applied to the A port or B port.
R1 and R2 = 4 kΩ when a logic level high is applied to the A port or B port.
R1 and R2 = 70 kΩ when the port is deselected (or in High-Z or 3-state).
B.
OE controls all output buffers. When OE = high, all outputs are Hi-Z.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TWL1200


Similar Part No. - TWL1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1200-Q1 TI1-TWL1200-Q1 Datasheet
736Kb / 32P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TWL1200IPFBRQ1 TI1-TWL1200IPFBRQ1 Datasheet
736Kb / 32P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - TWL1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1200-Q1 TI1-TWL1200-Q1 Datasheet
736Kb / 32P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
SN74AVC6T622 TI-SN74AVC6T622 Datasheet
763Kb / 23P
[Old version datasheet]   AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
[Old version datasheet]   SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com