Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL2203GGV Datasheet(PDF) 3 Page - Texas Instruments

Part # TWL2203GGV
Description  POWER SUPPLY MANAGEMENT IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL2203GGV Datasheet(HTML) 3 Page - Texas Instruments

  TWL2203GGV Datasheet HTML 1Page - Texas Instruments TWL2203GGV Datasheet HTML 2Page - Texas Instruments TWL2203GGV Datasheet HTML 3Page - Texas Instruments TWL2203GGV Datasheet HTML 4Page - Texas Instruments TWL2203GGV Datasheet HTML 5Page - Texas Instruments TWL2203GGV Datasheet HTML 6Page - Texas Instruments TWL2203GGV Datasheet HTML 7Page - Texas Instruments TWL2203GGV Datasheet HTML 8Page - Texas Instruments TWL2203GGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TWL2203
POWER SUPPLY MANAGEMENT IC
SLVS185 – FEBRUARY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
QFB
CH
39
I
CMOS signal input set to logic high to enable battery-charging function
DET_DELAY
33
I/O
Delay programming pin for VDET2
DET1
21
O
Voltage detector CMOS output
DET2
19
O
Voltage detector output with 40-k
Ω pull–up resistor
EN1
23
I
Set to logic high to enable LDO regulators 1–4 and power supply switch
EN2
24
I
Set to logic high to enable LDO regulator 5
EN3
25
I
Set to logic high to enable LDO regulator 6
EN4
22
I
Set to logic high to enable LDO regulator 7
ENOP_MUX
42
I
Set to logic high to enable the op amps and the analog multiplexer
GND
18
Ground for most sections of the device
GNDRING
37
Ringer ground
IADJ
47
I/O
Terminal for gain control of battery-charging current monitor
ICH–
43
I
Current-sense input/trickle charge, input/power supply to LDO regulator 7, and reference.
ICH+
45
I
Current-sense input
MUX0
4
I
Analog multiplexer channel selector bit-input (logic high is true)
MUX1
5
I
Analog multiplexer channel selector bit-input (logic high is true)
MUXIN0
3
I
Analog multiplexer input 0
MUXIN1
6
I
Analog multiplexer input 1
MUXIN2
7
I
Analog multiplexer input 2
MUXIN3
8
I
Analog multiplexer input 3
MUXOUT
2
O
Analog multiplexer output
OP1I–
9
I
Op amp 1 negative input
OP1I+
10
I
Op amp 1 positive input
OP1O
15
O
Op amp 1 output
OP2I–
11
I
Op amp 2 negative input
OP2I+
12
I
Op amp 2 positive input
OP2O
16
O
Op amp 2 output
OP3I–
14
I
Op amp 3 negative input
OP3I+
13
I
Op amp 3 positive input
OP3O
17
O
Op amp 3 output
RING
35
I
Ringer drive input
RINGON
36
I
Ringer enable (logic high to enable)
TCOUT
41
O
Trickle-charge output
VB
40
I
Battery voltage input for charging control
VCC
31
Power supply to most of the device
VCH
20
I
External power supply input for voltage detection
VEXT
48
I
External voltage input
VG1
46
O
MOSFET M1 gate drive
VG2
38
O
MOSFET M2 gate drive
VOUT1
26
O
LDO REG 1 output 1
VOUT2
32
O
LDO REG 2 output 2


Similar Part No. - TWL2203GGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
TWL2213CAPFB TI1-TWL2213CAPFB Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
TWL2213CAPFBR TI1-TWL2213CAPFBR Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
More results

Similar Description - TWL2203GGV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
ON Semiconductor
MC34280 ONSEMI-MC34280 Datasheet
380Kb / 20P
   Power Supply & Management IC for Handheld Electronic Products
February, 2000 ??Rev. 2
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Infineon Technologies A...
ICE3BR1765JXKLA1 INFINEON-ICE3BR1765JXKLA1 Datasheet
905Kb / 31P
   Power Management & Supply
Version 2.3, 19 Nov 2012
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com