Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71718DCKTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71718DCKTG4
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71718DCKTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71718DCKTG4 Datasheet HTML 2Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 3Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 4Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 5Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 6Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 7Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 8Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 9Page - Texas Instruments TPS71718DCKTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TYPICAL CHARACTERISTICS
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
0
50
100
150
I
(mA)
OUT
T = 40 C
-
J
T =+25 C
T =+85 C
T =+125 C
J
J
J
°
°
°
°
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
I
(mA)
OUT
0
5
1
2
3
4
T = 40 C
-
J
T =+25 C
T =+85 C
T =+125 C
J
J
J
°
°
°
°
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T = 40 C
-
J
T =+25 C
T =+85 C
T =+125 C
J
J
J
°
°
°
°
3.0
2.0
1.0
0
1.0
2.0
3.0
-
-
-
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T = 40 C
-
J
T =+25 C
T =+85 C
T =+125 C
J
J
J
°
°
°
°
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
I
=100 A
m
OUT
I
=5mA
OUT
I
=150mA
OUT
250
200
150
100
50
0
0
100
150
I
(mA)
OUT
50
T =+125 C
J
°
T =+85 C
J
°
T =+25 C
J
°
T = 40 C
-
J
°
TPS717xx
SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009.................................................................................................................................................. www.ti.com
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater; IOUT = 0.5mA,
VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V.
Typical values are at TJ = +25°C.
LOAD REGULATION
LOAD REGULATION UNDER LIGHT LOADS
Figure 3.
Figure 4.
LINE REGULATION
LINE REGULATION
IOUT = 5mA
IOUT = 150mA
Figure 5.
Figure 6.
OUTPUT VOLTAGE vs
DROPOUT VOLTAGE vs
TEMPERATURE
OUTPUT CURRENT
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated


Similar Part No. - TPS71718DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71718DCKTG4 TI-TPS71718DCKTG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71718DCKTG4 TI-TPS71718DCKTG4 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71718DCKTG4 TI-TPS71718DCKTG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71718DCKTG4 TI-TPS71718DCKTG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71718DCKTG4 TI1-TPS71718DCKTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71718DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com