Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1109 Datasheet(PDF) 4 Page - Texas Instruments

Part # TWL1109
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1109 Datasheet(HTML) 4 Page - Texas Instruments

  TWL1109 Datasheet HTML 1Page - Texas Instruments TWL1109 Datasheet HTML 2Page - Texas Instruments TWL1109 Datasheet HTML 3Page - Texas Instruments TWL1109 Datasheet HTML 4Page - Texas Instruments TWL1109 Datasheet HTML 5Page - Texas Instruments TWL1109 Datasheet HTML 6Page - Texas Instruments TWL1109 Datasheet HTML 7Page - Texas Instruments TWL1109 Datasheet HTML 8Page - Texas Instruments TWL1109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TWL1109
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLWS095 – MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
sidetone
A portion of the transmitted audio is attenuated and fed back to the receive channel through the sidetone path.
The sidetone path defaults to the mute condition. The default gain of -12 dB is set in the sidetone control register.
The sidetone path can be enabled by writing to the power control register.
receive volume control
The receive volume control block acts as an attenuator with a range of –18 dB to 0 dB in 2 dB steps for control
of the receive channel volume. The receive volume control gain defaults to 0 dB.
receive filter and PGA
The receive filter is a digital filter that meets CCITT G.714 requirements with a high-pass filter that is selectable
through the I2C interface. The device operates in either the 15-bit linear or 8-bit
µ-law or A-law companded
mode, which is selectable through the I2C interface. The gain defaults to –1 dB representing a 3 dBm0 level
for a 32
Ω to 110 Ω load impedance and the corresponding digital full scale PCMI code of –4 dB.
digital modulator and filter
The second-order digital modulator and filter convert the received digital PCM data to the analog output required
by the earphone interface.
earphone amplifiers
The analog signal can be routed to either of two earphone amplifiers, one with differential output (EAR1ON and
EAR1OP) and one with single-ended output (EAR2O). Clicks and pops are suppressed for EAR1 differential
output only.
tone generator
The tone generator provides generation of standard DTMF tones which are output to one of the following: 1)
The buzzer driver, as a pulse density modulation (PDM) signal. 2) The receive path digital/analog converter
(D/A), for outputting through the earphone or as PCMO data. The integer value is loaded into one of two 8-bit
registers, the high tone register [04} or the low tone register {05}. The tone output is 2 dB higher when applied
to the high tone register {04}. The high DTMF tones must be applied to the high tone register, and the low DTMF
tones to the low tone register.


Similar Part No. - TWL1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results

Similar Description - TWL1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com