Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1103 Datasheet(PDF) 9 Page - Texas Instruments

Part # TWL1103
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1103 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TWL1103 Datasheet HTML 5Page - Texas Instruments TWL1103 Datasheet HTML 6Page - Texas Instruments TWL1103 Datasheet HTML 7Page - Texas Instruments TWL1103 Datasheet HTML 8Page - Texas Instruments TWL1103 Datasheet HTML 9Page - Texas Instruments TWL1103 Datasheet HTML 10Page - Texas Instruments TWL1103 Datasheet HTML 11Page - Texas Instruments TWL1103 Datasheet HTML 12Page - Texas Instruments TWL1103 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TWL1103
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLVS259 – NOVEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at 2.7 V and 25
° C (unless otherwise noted) (continued)
transmit filter transfer, companded mode (
µ-law or A-law) or linear mode selected, transmit slope filter
selected (MCLK = 2.048 MHz) (see Note 11)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMIC1 or f MIC2 =100 Hz
–27
dB
fMIC1 or fMIC2 = 200 Hz
–8
dB
fMIC1 or fMIC2 = 250 Hz
–4
dB
fMIC1 or fMIC2 = 300 Hz
–1.80
dB
fMIC1 or fMIC2 = 400 Hz
–1.50
dB
fMIC1 or fMIC2 = 500 Hz
–1.30
dB
fMIC1 or fMIC2 = 600 Hz
–1.1
dB
fMIC1 or fMIC2 = 700 Hz
– 0.8
dB
fMIC1 or fMIC2 = 800 Hz
– 0.57
dB
fMIC1 or fMIC2 = 900 Hz
– 0.25
dB
Gain relative to input signal gain at 1000 Hz with slope filter selected
fMIC1 or fMIC2 = 1000 Hz
0
dB
Gain relative to input signal gain at 1000 Hz, with slope filter selected
fMIC1 or fMIC2 = 1500 Hz
1.8
dB
fMIC1 or fMIC2 = 2000 Hz
4.0
dB
fMIC1 or fMIC2 = 2500 Hz
6.5
dB
fMIC1 or fMIC2 = 3000 Hz
7.6
dB
fMIC1 or fMIC2 = 3100 Hz
7.7
dB
fMIC1 or fMIC2 = 3300 Hz
8.0
dB
fMIC1 or fMIC2 = 3500 Hz
6.48
dB
fMIC1 or fMIC2 = 4000 Hz
–13
dB
fMIC1 or fMIC2 = 4500 Hz
–35
dB
fMIC1 or fMIC2 = 5000 Hz
–45
dB
fMIC1 or fMIC2 = 8000 Hz
–50
dB
NOTE 11: The pass-band tolerance is
± 0.25 dB from 300 Hz to 3500 Hz.
transmit idle channel noise and distortion, companded mode (
µ-law or A-law) selected, slope filter bypassed
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit idle channel noise, psophometrically
weighted
TXPGA gain= 0 dB, micamp 1 gain = 23.5 dB,
micamp 2 gain = 0 dB
–86.6
–78
dBm0p
MIC1N, MIC1P to PCMO at 3 dBm0
27
MIC1N, MIC1P to PCMO at 0 dBm0
30
MIC1N, MIC1P to PCMO at –5 dBm0
33
Transmit signal-to-distortion ratio with
MIC1N, MIC1P to PCMO at –10 dBm0
36
dB
g
1020-Hz sine-wave input
MIC1N, MIC1P to PCMO at –20 dBm0
35
dB
MIC1N, MIC1P to PCMO at – 30 dBm0
26
MIC1N, MIC1P to PCMO at – 40 dBm0
24
MIC1N, MIC1P to PCMO at – 45 dBm0
19
Intermodulation distortion, 2-tone CCITT method,
CCITT G.712 (7.1), R2
49
dB
,,
composite power level, –13 dBm0
CCITT G.712 (7.2), R2
51
dB


Similar Part No. - TWL1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103 TI1-TWL1103 Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1103GQE TI1-TWL1103GQE Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1103GQER TI1-TWL1103GQER Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1103PBSR TI1-TWL1103PBSR Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1103T-Q1 TI-TWL1103T-Q1 Datasheet
411Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP)
More results

Similar Description - TWL1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com