Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62113RSAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62113RSAT
Description  17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62113RSAT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62113RSAT Datasheet HTML 1Page - Texas Instruments TPS62113RSAT Datasheet HTML 2Page - Texas Instruments TPS62113RSAT Datasheet HTML 3Page - Texas Instruments TPS62113RSAT Datasheet HTML 4Page - Texas Instruments TPS62113RSAT Datasheet HTML 5Page - Texas Instruments TPS62113RSAT Datasheet HTML 6Page - Texas Instruments TPS62113RSAT Datasheet HTML 7Page - Texas Instruments TPS62113RSAT Datasheet HTML 8Page - Texas Instruments TPS62113RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DEVICE INFORMATION
PIN ASSIGNMENT TOP VIEW
16 15 14 13
5
6
7
8
1
2
3
4
9
GND
GND
FB
AGND
PGND
Exposed
Thermal
Pad
VIN
VIN
EN
12
11
10
TPS62110, TPS62111
TPS62112, TPS62113
www.ti.com .................................................................................................................................................... SLVS585A – JULY 2005 – REVISED FEBRUARY 2009
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
9
I
Analog ground, connect to GND and PGND
Enable. A logic high enables the converter; logic low forces the device into shutdown mode reducing the
EN
4
I
supply current to less than 2 µA.
Feedback pin for the fixed output voltage option. For the adjustable version, an external resistive divider
FB
10
I
is connected to this pin. The internal voltage divider is disabled for the adjustable version.
GND
11, 12
I
Ground
LBI
7
I
Low-battery input
LBO
6
O
Open-drain, low-battery output. This pin is pulled low if LBI is below its threshold.
Power good comparator output. This is an open-drain output. A pullup resistor should be connected
PG
13
O
between PG and VOUT. The output goes active high when the output voltage is greater than 98.4% of
the nominal value.
PGND
1, 16
I
Power ground. Connect all power grounds to this pin.
Connect the inductor to this pin. This pin is the switch pin and connected to the drain of the internal
SW
14, 15
O
power MOSFETS.
Input for synchronization to external clock signal. Synchronizes the converter switching frequency to an
external clock signal with CMOS level:
SYNC
5
I
SYNC = HIGH: Low-noise mode enabled, fixed frequency PWM operation is forced
SYNC = LOW (GND): Power save mode enabled, PFM/PWM Mode enabled
VIN
2, 3
I
Supply voltage input (power stage)
VINA
8
I
Supply voltage input (support circuits)
Thermal pad
Connect to AGND
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62110 TPS62111 TPS62112 TPS62113


Similar Part No. - TPS62113RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62113RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com