Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSL Datasheet(PDF) 82 Page - Texas Instruments

Part # TPS65070RSL
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSL Datasheet(HTML) 82 Page - Texas Instruments

Back Button TPS65070RSL Datasheet HTML 78Page - Texas Instruments TPS65070RSL Datasheet HTML 79Page - Texas Instruments TPS65070RSL Datasheet HTML 80Page - Texas Instruments TPS65070RSL Datasheet HTML 81Page - Texas Instruments TPS65070RSL Datasheet HTML 82Page - Texas Instruments TPS65070RSL Datasheet HTML 83Page - Texas Instruments TPS65070RSL Datasheet HTML 84Page - Texas Instruments TPS65070RSL Datasheet HTML 85Page - Texas Instruments TPS65070RSL Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
PB_OUT
VDCDC3
(VDD_MPU_IVA)
PGOOD
(SYS.nRESPWRON)
VDCDC1
(VDDS_WKUP_BG,
VDDS,VDDS_MEM
)
400ms
PB_IN
POWER_ON
canbereleasedHIGHanytime
afterPOWR_ON=HIGH
170 s
m
250 s
m
assertedHIGHbytheapplicationprocessor
anytimewhile/PB_IN=LOWtokeepthe
systemalive
50msdebounce
SYS
50msdebounce
VLDO1
(VDDS_DPLL_DLL,
VDDS_DPLL_PER)
VLDO2
(VDDA_DAC)
170 s
m
250 s
m
VDCDC2
(VDD_CORE)
170 s
m
250 s
m
enabledbyOMAP35xxbyI2Ccommand
levelnotdefinedas
voltageatpull-uphas
notrampedatthattime
300 s
m
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
Figure 58. TPS650731: OMAP35xx timing
82
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65070RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSL TI-TPS65070RSL Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSL TI-TPS65070RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI1-TPS65070RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com