Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSL Datasheet(PDF) 56 Page - Texas Instruments

Part # TPS65070RSL
Description  Single Chip Power Solution for Navigation Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSL Datasheet(HTML) 56 Page - Texas Instruments

Back Button TPS65070RSL Datasheet HTML 52Page - Texas Instruments TPS65070RSL Datasheet HTML 53Page - Texas Instruments TPS65070RSL Datasheet HTML 54Page - Texas Instruments TPS65070RSL Datasheet HTML 55Page - Texas Instruments TPS65070RSL Datasheet HTML 56Page - Texas Instruments TPS65070RSL Datasheet HTML 57Page - Texas Instruments TPS65070RSL Datasheet HTML 58Page - Texas Instruments TPS65070RSL Datasheet HTML 59Page - Texas Instruments TPS65070RSL Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
SLVS950 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
DEFDCDC2_LOW. Register Address: 11h
DEFDCDC2_LOW
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
DCDC2[5]
DCDC2[4]
DCDC2[3]
DCDC2[2]
DCDC2[1]
DCDC2[0]
Default
1
0
0
1
0
1
–70, –72, –732
0
0
0
1
0
0
1
1
–73, –731
Default value loaded by:
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
DEFDCDC2_HIGH. Register Address: 12h
DEFDCDC2_HIGH
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
DCDC2 extadj
DCDC2[5]
DCDC2[4]
DCDC2[3]
DCDC2[2]
DCDC2[1]
DCDC2[0]
Default –70, –732
1
1
1
1
1
1
–72
0
0
1
1
0
0
1
1
–73, –731
1
0
0
1
0
1
Default value loaded
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
by:
Read/write
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
The output voltage for DCDC2 is switched between the value defined in DEFDCDC2_LOW and
DEFDCDC2_HIGH depending on the status of the DEFDCDC2 pin. IF DEFDCDC2 is LOW the value in
DEFDCDC2_LOW is selected, if DEFDCDC2 = HIGH, the value in DEFDCDC2_HIGH is selected. Per default
the converter is internally fixed but can be programmed to an externally adjustable version by EEPROM similar to
DCDC1.
DEFDCDC3_LOW. Register Address: 13h
DEFDCDC3_LOW
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
DCDC3[5]
DCDC3[4]
DCDC3[3]
DCDC3[2]
DCDC3[1]
DCDC3[0]
Default –70
0
0
1
0
1
1
0
0
–72, –73, –731, –732
0
1
0
0
1
1
Default value loaded by:
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
Read/write
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
DEFDCDC3_HIGH. Register Address: 14h
DEFDCDC3_HIGH
B7
B6
B5
B4
B3
B2
B1
BO
DCDC3
Bit name and function
DCDC3[5]
DCDC3[4]
DCDC3[3]
DCDC3[2]
DCDC3[1]
DCDC3[0]
extadj
Default –70
0
1
0
0
1
1
–72,
0
0
0
1
1
0
1
1
–73, –731, –732
0
1
1
0
0
1
Default value loaded by:
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
Read/write
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
The output voltage for DCDC3 is switched between the value defined in DEFDCDC3_LOW and
DEFDCDC3_HIGH depending on the status of the DEFDCDC3 pin. IF DEFDCDC3 is LOW the value in
DEFDCDC3_LOW is selected, if DEFDCDC3 = HIGH, the value in DEFDCDC3_HIGH is selected. Per default
the converter is internally fixed but can be programmed to an externally adjustable version by EEPROM similar to
DCDC2.
56
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732


Similar Part No. - TPS65070RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSL TI-TPS65070RSL Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSL TI-TPS65070RSL Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI-TPS65070RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLR TI1-TPS65070RSLR Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
Shenzhen Huazhimei Semi...
HM5669 HMSEMI-HM5669 Datasheet
386Kb / 10P
   GPS Navigation Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com