Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65148 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65148
Description  Compact TFT LCD Bias IC for Monitor with VCOM Buffer, Voltage Regulator for Gamma Buffer and Reset Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65148 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65148 Datasheet HTML 18Page - Texas Instruments TPS65148 Datasheet HTML 19Page - Texas Instruments TPS65148 Datasheet HTML 20Page - Texas Instruments TPS65148 Datasheet HTML 21Page - Texas Instruments TPS65148 Datasheet HTML 22Page - Texas Instruments TPS65148 Datasheet HTML 23Page - Texas Instruments TPS65148 Datasheet HTML 24Page - Texas Instruments TPS65148 Datasheet HTML 25Page - Texas Instruments TPS65148 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
APPLICATION INFORMATION
C5~8
4*10µF/
25V
C9
1µF/
25V
FB
R1
180kW
R2
18kW
REG_FB
VGHM
VFLK
RE
GateVoltage
Shaping
(V
)
GHM
LDO
(V
)
REG_O
BoostConverter
(V )
S
R9
80kW
VCOM
(V
)
COM
R6
30kW
R7
18kW
R10
91kW
R11
10kW
ResetFunction
(XAO)
VGH
REG_O
C14
4.7µF/
25V
OPI
OPO
VIN
VDET
R4
27kW
R5
18kW
R3
2.7kW
VDPM
C13
100nF
C10
1µF/
10V
C15
1µF/
25V
C1~2
2*10µF/
10V
L
4.7µH
D1
SL22
V
2.5Vto6.0V
IN
V
13.6V/500mA
S
V
12.5V/15mA
REG_O
V
IN
V
IN
V
S
V
5V/100mA
COM
C11
3.3nF
R8
47kW
C12
100nF
REG_I
VIN
C4
10µF/
10V
C3
1nF
EN
FREQ
HighVoltage
Stress
R12
56kW
RHVS
HVS
V
S
V
GH
Gate
Driver
XAO
V
~23V/20mA
GHM
P
P
P
P
P
P
P
P
P
P
C5~8
4*10µF/
25V
C9
1µF/
25V
FB
R1
180kW
R2
18kW
REG_FB
VGHM
VFLK
RE
GateVoltage
Shaping
(V
)
GHM
LDO
(V
)
REG_O
BoostConverter
(V )
S
R9
80kW
VCOM
(V
)
COM
R6
30kW
R7
18kW
R10
91kW
R11
10kW
ResetFunction
(XAO)
VGH
REG_O
C14
4.7µF/
25V
OPI
OPO
VIN
VDET
R4
27kW
R5
18kW
R3
2.7kW
VDPM
C13
100nF
C10
1µF/
10V
C15
1µF/
25V
C1~2
2*10µF/
10V
L
4.7µH
D1
SL22
V
2.5Vto6.0V
IN
V
13.6V/500mA
S
V
12.5V/15mA
REG_O
V
IN
V
IN
V
S
V
5V/100mA
COM
C11
3.3nF
R8
47kW
C12
100nF
REG_I
VIN
C4
10µF/
10V
C3
1nF
EN
FREQ
HighVoltage
Stress
R12
56kW
RHVS
HVS
V
S
V
GH
Gate
Driver
XAO
V
~23V/20mA
GHM
P
P
P
P
P
P
P
P
P
P
Q
FDS4435
TPS65148
SLVS904 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
Figure 27. TPS65148 Typical Application
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS65148


Similar Part No. - TPS65148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140 TI-TPS65140 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI1-TPS65140 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65146 TI-TPS65146 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
logo
Global Mixed-mode Techn...
G1612 GMT-G1612 Datasheet
122Kb / 1P
   Programmable Vcom Buffer with NVM for TFT LCD
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com