Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65148 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65148
Description  Compact TFT LCD Bias IC for Monitor with VCOM Buffer, Voltage Regulator for Gamma Buffer and Reset Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65148 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65148 Datasheet HTML 13Page - Texas Instruments TPS65148 Datasheet HTML 14Page - Texas Instruments TPS65148 Datasheet HTML 15Page - Texas Instruments TPS65148 Datasheet HTML 16Page - Texas Instruments TPS65148 Datasheet HTML 17Page - Texas Instruments TPS65148 Datasheet HTML 18Page - Texas Instruments TPS65148 Datasheet HTML 19Page - Texas Instruments TPS65148 Datasheet HTML 20Page - Texas Instruments TPS65148 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
D1
Q1
V
~-7V/20mA
GL
T1
BC857B
-V
S
D3
D4
R14
5.6kW
D2
BZX84C
7V5
C16
1
F/
16V
m
C17
470nF
C18
470nF
V
S
13.6V/500mA
V
2.5Vto6V
IN
BAT54S
Components Selection
f
p
´
´
´
C
1
X
=
2
C
(6)
TPS65148
www.ti.com ........................................................................................................................................................................................................ SLVS904 – MAY 2009
Figure 21. Partially Regulated External Negative
Capacitors (Charge Pumps)
For best output voltage filtering a low ESR output capacitor is recommended. Ceramic capacitors have a low
ESR value but depending on the application tantalum capacitors can be used as well. For every capacitor, the
reactance value has to be calculated as follows:
This value should be as low as possible in order to reduce the voltage drop due to the current flowing through it.
The rated voltage of the capacitor has to be able to withstand the voltage across it. Capacitors rated at 50 V are
enough for most of the applications. Typically a 470-nF capacitance is sufficient for the flying capacitors whereas
bigger values like 1 µF or more can be used for the output capacitors to reduce the output voltage ripple.
CAPACITOR
COMPONENT SUPPLIER
COMPONENT CODE
COMMENTS
100 nF/0603
Taiyo Yuden
UMK107 BJ 104KA
Flying Cap
470 nF/0805
Taiyo Yuden
UMK212 BJ 474KG
Output Cap 1
1
µF/1210
Taiyo Yuden
UMK325 BJ 105KH
Output Cap 2
Diodes (Charge Pumps)
For high efficiency, one has to minimize the forward voltage drop of the diodes. Schottky diodes are
recommended. The reverse voltage rating must withstand the maximum output voltage VS of the boost converter.
Usually a Schottky diode with 200 mA average forward rectified current is suitable for most of the applications.
CURRENT
VR
VF / IF
COMPONENT
COMPONENT
PACKAGE
RATING IF
SUPPLIER
CODE
TYPE
200 mA
30 V
0.5V / 30mA
International Rectifier
BAT54S
SOT 23
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS65148


Similar Part No. - TPS65148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140 TI-TPS65140 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI1-TPS65140 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65146 TI-TPS65146 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
logo
Global Mixed-mode Techn...
G1612 GMT-G1612 Datasheet
122Kb / 1P
   Programmable Vcom Buffer with NVM for TFT LCD
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com