Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6223-2.1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS6223-2.1
Description  3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6223-2.1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS6223-2.1 Datasheet HTML 1Page - Texas Instruments TPS6223-2.1 Datasheet HTML 2Page - Texas Instruments TPS6223-2.1 Datasheet HTML 3Page - Texas Instruments TPS6223-2.1 Datasheet HTML 4Page - Texas Instruments TPS6223-2.1 Datasheet HTML 5Page - Texas Instruments TPS6223-2.1 Datasheet HTML 6Page - Texas Instruments TPS6223-2.1 Datasheet HTML 7Page - Texas Instruments TPS6223-2.1 Datasheet HTML 8Page - Texas Instruments TPS6223-2.1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
V
IN
GND
V
OUT
C2
L1
Totalarea
12mm²
1.8V
V
OUT
2.05V-6V
V
IN
2.2
F
m
C
IN
L
1/2.2
H
m
C
4.7
F
OUT
m
TPS62231
VIN
EN
MODE
SW
FB
GND
TPS62230
TPS62231
TPS62232
www.ti.com ..................................................................................................................................................................................................... SLVS941 – APRIL 2009
3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
• 3 MHz switch frequency
• Up to 94% efficiency
The TPS6223X device family is a high frequency
synchronous step down DC-DC converter optimized
• Output Peak Current up to 500mA
for battery powered portable applications. It supports
• Excellent AC and Transient Load Regulation
up to 500mA output current and allows the use of tiny
• High PSRR (up to 90dB)
and low cost chip inductors and capacitors.
• Small External Output Filter Components
With a wide input voltage range of 2.05V to 6V the
1.0
µH/ 4.7µF
device supports applications powered by Li-Ion
batteries with extended voltage range. The minimum
• V
IN range from 2.05V to 6V
input voltage of 2.05V allows as well the operation
• Optimized Power Save Mode For Low Output
from Li-primary or two alkaline batteries. Different
Ripple Voltage
fixed output voltage versions are available from 1.2V
• Forced PWM Mode Operation
to 2.5V.
• Typ. 22 µA Quiescent Current
The TPS6223X series features switch frequency up
• 100% Duty Cycle for Lowest Dropout
to 3.8MHz. At medium to heavy loads, the converter
operates in PWM mode and automatically enters
• Small 1 × 1.5 × 0.6mm3 SON Package
Power Save Mode operation at light load currents to
• 12 mm2 Minimum Solution Size
maintain high efficiency over the entire load current
• Supports 0.6 mm Maximum Solution Height
range.
• Soft Start with typ. 100µs Start Up Time
Because
of
its
excellent
PSRR
and
AC
load
regulation performance, the device is also suitable to
replace linear regulators to obtain better power
• LDO Replacement
conversion efficiency.
• Portable Audio, Portable Media
The Power Save Mode in TPS6223X reduces the
• Cell Phones
quiescent current consumption down to 22
µA during
light load operation. It is optimized to achieve very
• Low Power Wireless
low output voltage ripple even with small external
• Low Power DSP Core Supply
component and features excellent ac load regulation.
• Digital Cameras
For very noise sensitive applications, the device can
be forced to PWM Mode operation over the entire
load range by pulling the MODE pin high. In the
shutdown mode, the current consumption is reduced
to less than 1
µA. The TPS6223X is available in a 1 ×
1.5mm2 6 pin SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS6223-2.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6223-2.0 TI-TPS6223-2.0 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS6223-2.7 TI-TPS6223-2.7 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS6223-2.9 TI-TPS6223-2.9 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS6223-2.1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com