Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61240YFF Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61240YFF
Description  3.5-MHz High Efficiency Step-Up Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61240YFF Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61240YFF Datasheet HTML 5Page - Texas Instruments TPS61240YFF Datasheet HTML 6Page - Texas Instruments TPS61240YFF Datasheet HTML 7Page - Texas Instruments TPS61240YFF Datasheet HTML 8Page - Texas Instruments TPS61240YFF Datasheet HTML 9Page - Texas Instruments TPS61240YFF Datasheet HTML 10Page - Texas Instruments TPS61240YFF Datasheet HTML 11Page - Texas Instruments TPS61240YFF Datasheet HTML 12Page - Texas Instruments TPS61240YFF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
V
=1V/div
IN
I
=200mA/div
COIL
V
=50mv/div
OUT
V
=3.6V-4.2V
I
=50mA
IN
OUT
V
=5V
OUT
t-TimeBase-100
s/div
m
V
=200mV/div
OUT
I
=200mA/div
COIL
V
=3.6V
I
=50-200mA
IN
OUT
V
=5V
OUT
50mA
200mA
I
=200mA/div
OUT
t-TimeBase-20
s/div
m
V
=3.6V
I
=10mA
IN
OUT
V
=5V
OUT
EN=5V/div
I
=200mA/div
COIL
V
=1V/div
OUT
t-TimeBase-50
s/div
m
V
=1V/div
IN
I
=200mA/div
COIL
V
=50mv/div
OUT
V
=3.6V-4.2V
I
=200mA
IN
OUT
V
=5V
OUT
t-TimeBase-100
s/div
m
TPS61240, TPS61241
www.ti.com .............................................................................................................................................................. SLVS806A – APRIL 2009 – REVISED MAY 2009
Figure 11. Load Transient Response 0mA–200mA and
Figure 12. Line Transient Response 3.6V–4.2V at 50mA
200mA–0mA
Load
Figure 13. Line Transient Response 3.6V–4.2V at 200mA
Figure 14. Startup After Enable – No Load
Load
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS61240, TPS61241


Similar Part No. - TPS61240YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI1-TPS61240 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com