Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54060 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060
Description  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54060 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54060 Datasheet HTML 1Page - Texas Instruments TPS54060 Datasheet HTML 2Page - Texas Instruments TPS54060 Datasheet HTML 3Page - Texas Instruments TPS54060 Datasheet HTML 4Page - Texas Instruments TPS54060 Datasheet HTML 5Page - Texas Instruments TPS54060 Datasheet HTML 6Page - Texas Instruments TPS54060 Datasheet HTML 7Page - Texas Instruments TPS54060 Datasheet HTML 8Page - Texas Instruments TPS54060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
PACKAGE DISSIPATION RATINGS
(1)
ELECTRICAL CHARACTERISTICS
TPS54060
www.ti.com ............................................................................................................................................................................................... SLVS919 – JANUARY 2009
THERMAL IMPEDANCE
PACKAGE
JUNCTION TO AMBIENT
MSOP
57 °C/W
(1)
Test board conditions:
A. 3 inches × 3 inches, 2 layers, thickness: 0.062 inch
B. 2-ounce copper traces located on the top and bottom of the PCB
C. 6 (13 mil diameters) THERMAL VIAS LOCATED UNDER THE DEVICE PACKAGE
TJ = –40°C to 150°C, VIN = 3.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
3.5
60
V
Internal undervoltage lockout
No voltage hysteresis, rising and falling
2.5
V
threshold
Shutdown supply current
EN = 0 V, 25°C, 3.5 V
≤ VIN ≤ 60 V
1.3
4
µA
Operating : nonswitching supply
VSENSE = 0.83 V, VIN = 12 V, 25°C
116
136
current
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling, 25°C
0.9
1.25
1.55
V
Enable threshold +50 mV
–3.8
Input current
µA
Enable threshold –50 mV
–0.9
Hysteresis current
–2.9
µA
VOLTAGE REFERENCE
TJ = 25°C
0.792
0.8
0.808
Voltage reference
V
0.784
0.8
0.816
HIGH-SIDE MOSFET
VIN = 3.5 V, BOOT-PH = 3 V
300
On-resistance
m
VIN = 12 V, BOOT-PH = 6 V
200
410
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM) –2 µA < ICOMP < 2 µA, VCOMP = 1 V
97
µMhos
–2
µA < I
COMP < 2 µA, VCOMP = 1 V,
Error amplifier transconductance (gM)
26
µMhos
during slow start
VVSENSE = 0.4 V
Error amplifier dc gain
VVSENSE = 0.8 V
10,000
V/V
Error amplifier bandwidth
2700
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±7
µA
COMP to switch current
1.9
A/V
transconductance
CURRENT LIMIT
Current limit threshold
VIN = 12 V, TJ = 25°C
0.6
0.94
A
THERMAL SHUTDOWN
Thermal shutdown
182
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54060


Similar Part No. - TPS54060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI1-TPS54060 Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com