Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53114PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53114PWPR
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS53114PWPR Datasheet HTML 1Page - Texas Instruments TPS53114PWPR Datasheet HTML 2Page - Texas Instruments TPS53114PWPR Datasheet HTML 3Page - Texas Instruments TPS53114PWPR Datasheet HTML 4Page - Texas Instruments TPS53114PWPR Datasheet HTML 5Page - Texas Instruments TPS53114PWPR Datasheet HTML 6Page - Texas Instruments TPS53114PWPR Datasheet HTML 7Page - Texas Instruments TPS53114PWPR Datasheet HTML 8Page - Texas Instruments TPS53114PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PIN ASSIGNMENT (TOP VIEW)
VBST
SS
EN
VO
VFB
GND
CER
DRVH
SW
DRVL
PGND
TRIP
VIN
VREG5
V5FILT
FSEL
16
1
2
3
4
5
6
7
8
10
11
12
13
14
15
9
TPS53114
www.ti.com ..................................................................................................................................................................................................... SLVS887 – APRIL 2009
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
Supply input for high-side NFET driver (Boost Terminal). Connect capacitor from this pin to SW terminal. An
VBST
16
I
internal PN diode is connected between VREG5 and VBST. User can add external schottky diode if forward
drop is critical to drive the NFET.
EN
7
I
High level enable pin.
SS
3
O
Connect Capacitor from SS pin to GND.
VO
1
I
Connect to output of converter. This terminal is used for On-Time Adjustment and Output Discharge.
VFB
2
I
Converter feedback input. Connect with feedback resistor divider.
GND
4
I
Signal ground pin.
High-side NFET driver output. SW referenced floating driver. The gate drive voltage is defined by the voltage
DRVH
15
O
across VBST to SW node capacitor.
SW
14
I/O
Switch node connections for high-side driver. Also serves as input to current comparator.
DRVL
13
O
Synchronous NFET driver output. PGND referenced driver. The gate drive voltage is defined by VREG5
voltage.
Ground return for DRVL. Also serves as input of current comparator. Connect PGND and GND together near
PGND
12
I/O
the IC.
Over current trip point set input. Connect resistor from this pin to GND to set threshold for synchronous FET
TRIP
11
I
RDS(on) sense. Voltage across this pin and GND is compared to voltage across PGND and SW by over current
comparator.
VIN
9
I
Supply Input for 5V linear regulator.
5V supply input for the entire control circuit except the NFET driver. Connect Capacitor (typical 1uF) from GND
V5FILT
8
I
to V5FILT. V5FILT is connected to VREG5 via internal resistor.
VREG5
10
O
5V power supply output. VREG5 is connected to V5FILT via internal resistor.
Connect to GND for ceramic output capacitors. Connect to V5FILT for polymer electrolyte output capacitors
CER
5
I
(SP-CAP, POS-CAP, PXE).
Switching frequency selection pin. Connect to GND for low switching frequency or connect to V5FILT for high
FSEL
6
I
switching frequency.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS53114


Similar Part No. - TPS53114PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114PWPR TI-TPS53114PWPR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS53114PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com