Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53114 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53114
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53114 Datasheet HTML 7Page - Texas Instruments TPS53114 Datasheet HTML 8Page - Texas Instruments TPS53114 Datasheet HTML 9Page - Texas Instruments TPS53114 Datasheet HTML 10Page - Texas Instruments TPS53114 Datasheet HTML 11Page - Texas Instruments TPS53114 Datasheet HTML 12Page - Texas Instruments TPS53114 Datasheet HTML 13Page - Texas Instruments TPS53114 Datasheet HTML 14Page - Texas Instruments TPS53114 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
t − Time − 20
µs/div
G011
VO (50mV/div)
Iout2 (2A/div)
FSEL = V5FILT
(700 kHz Selection)
t − Time − 2 ms/div
G012
SS
VO = 1.05 V
CSS = 4700 pF
EN
IO − Output Current − A
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G013
FSEL = GND
350 kHz Selection
VI = 12 V
IO − Output Current − A
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G014
FSEL = V5FILT
700 kHz Selection
VI = 12 V
TPS53114
www.ti.com ..................................................................................................................................................................................................... SLVS887 – APRIL 2009
TYPICAL CHARACTERISTICS (continued)
Figure 11. 1.05-V LOAD TRANSIENT RESPONSE
Figure 12. STARTUP WAVEFORM
Figure 13. 1.05-V EFFICIENCY vs. OUTPUT CURRENT
Figure 14. 1.05-V EFFICIENCY vs. OUTPUT CURRENT
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS53114


Similar Part No. - TPS53114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114 TI-TPS53114 Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PW TI-TPS53114PW Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWP TI-TPS53114PWP Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWPR TI-TPS53114PWPR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS53114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com