Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51315RGFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51315RGFT
Description  10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51315RGFT Datasheet(HTML) 1 Page - Texas Instruments

  TPS51315RGFT Datasheet HTML 1Page - Texas Instruments TPS51315RGFT Datasheet HTML 2Page - Texas Instruments TPS51315RGFT Datasheet HTML 3Page - Texas Instruments TPS51315RGFT Datasheet HTML 4Page - Texas Instruments TPS51315RGFT Datasheet HTML 5Page - Texas Instruments TPS51315RGFT Datasheet HTML 6Page - Texas Instruments TPS51315RGFT Datasheet HTML 7Page - Texas Instruments TPS51315RGFT Datasheet HTML 8Page - Texas Instruments TPS51315RGFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
N/C
EN_PSV
TON
VOUT
VOUT_DS
V5FILT
VFB
PGOOD
TPS51315
LL
LL
LL
LL
LL
VIN
VIN
VIN
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
32
31
30
29
28
27
26
25
24
23
22
21
33
34
35
36
37
38
39
40
R1
R2
L1
C1
C2
R6
R5
R3
R4
ENSW
R7
C4
C3
PGOOD
5 V
V
OUT
V
IN
3 V to 14 V
UDG-08154
TPS51315
www.ti.com........................................................................................................................................................................................................ SLUS881 – MAY 2009
10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
• Portable Device Application
2
• Input Voltage Range: 3 V to 14 V
• Notebook Computers
• Output Voltage Range: 0.75 V to 5.5 V
• Server and Desktop
• Integrated Power MOSFETs with 10-A
Continuous Current Output
• < 5-µA Shutdown Current
The
TPS51315
is
a
D-CAP™
Mode,
10-A,
• D-CAP™ Mode with Fast Transient Response
synchronous step-down converter with integrated
• Programmable Switching Frequency with
MOSFETs. The combination of D-CAP™ mode and
External Resistor From 100 kHz to 1 MHz
on-board MOSFETs provides fast transient response
• Selectable Auto-Skip or PWM-Only Operation
performance
with
ease
of
use,
less
external
component count and small footprint. Externally
• < 1% Initial Reference Accuracy
adjustable switching frequency allows optimal design
• Internal Soft-Start Control
between component size and efficiency tradeoff.
• Integrated Boost Diode
Ceramic output capacitors can be employed by
adding a few extra components. The TPS51315 is
• Power Good Signal
available in the thermally-efficient 40-pin, 5 mm x
• Adjustable Overcurrent Limit via External
7 mm, QFN package and is specified from -40°C to
Resistor
85°C ambient.
• OVP/UVP/UVLO Protection
• Integrated Selectable Output Discharge
• Prebias Output Voltage Start-Up with Disabled
Output Discharge
• Thermal Shutdown
• 40-Pin QFN Package with PowerPAD™
• Supports All Ceramic Output Capacitors
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51315RGFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51315 TI1-TPS51315 Datasheet
1Mb / 33P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
TPS51315 TI1-TPS51315_14 Datasheet
1Mb / 33P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
More results

Similar Description - TPS51315RGFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51315 TI1-TPS51315_14 Datasheet
1Mb / 33P
[Old version datasheet]   10-A STEP-DOWN SYNCHRONOUS SWITCHER WITH INTEGRATED MOSFETs
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
   Dual Channel Synchronous Step- Down Switcher with Integrated FET
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
logo
Texas Instruments
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com