Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51217 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51217
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51217 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51217 Datasheet HTML 5Page - Texas Instruments TPS51217 Datasheet HTML 6Page - Texas Instruments TPS51217 Datasheet HTML 7Page - Texas Instruments TPS51217 Datasheet HTML 8Page - Texas Instruments TPS51217 Datasheet HTML 9Page - Texas Instruments TPS51217 Datasheet HTML 10Page - Texas Instruments TPS51217 Datasheet HTML 11Page - Texas Instruments TPS51217 Datasheet HTML 12Page - Texas Instruments TPS51217 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
0.001
0.01
0.1
1
10
100
I
-OutputCurrent- A
OUT
0.88
0.89
0.90
0.91
0.92
Auto-Skip
V
=12V,
V
=0.9V
IN
OUT
1.17
1.18
1.19
1.20
1.21
1.22
1.23
0.001
0.01
0.1
1
10
100
I
-OutputCurrent- A
OUT
Auto-Skip
V
=12V,
V
=1.2V
IN
OUT
0.88
0.89
0.90
0.91
0.92
6
8
10
12
14
16
18
20
22
V
-InputVoltage-V
IN
I
=20 A
OUT
I
=0 A
OUT
Auto-Skip
V
=0.9V
OUT
1.17
1.18
1.19
1.20
1.21
1.22
1.23
I
=20 A
OUT
I
=0 A
OUT
6
8
10
12
14
16
18
20
22
V
-InputVoltage-V
IN
Auto-Skip
V
=1.2V
OUT
TPS51217
www.ti.com ...................................................................................................................................................................................................... SLUS947 – JUNE 2009
TYPICAL CHARACTERISTICS (continued)
0.9-V OUTPUT VOLTAGE
1.2-OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
0.9-OUTPUT VOLTAGE
1.2-V OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11.
Figure 12.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS51217


Similar Part No. - TPS51217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - TPS51217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com